Electronic Components Datasheet Search
  English  ▼

X  

TMUX7348F Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7348F
Description  TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7348F Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX7348F Datasheet HTML 28Page - Texas Instruments TMUX7348F Datasheet HTML 29Page - Texas Instruments TMUX7348F Datasheet HTML 30Page - Texas Instruments TMUX7348F Datasheet HTML 31Page - Texas Instruments TMUX7348F Datasheet HTML 32Page - Texas Instruments TMUX7348F Datasheet HTML 33Page - Texas Instruments TMUX7348F Datasheet HTML 34Page - Texas Instruments TMUX7348F Datasheet HTML 35Page - Texas Instruments TMUX7348F Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
8.8 Fault Response Time
Fault response time (tRESPONSE) measures the delay between the source voltage exceeding the fault supply
voltage (VFP or VFN) by 0.5 V and the drain voltage failing to 50% of the maximum output voltage. Figure 8-9
shows the setup used to measure tRESPONSE.
VS
0 V
tRESPONSE (FP)
Output
(VD)
VFP + 0.5 V
SW
Sx
D/ DX
VDD VSS
SW
VFP VFN
GND
GND
RL
VS
GND
CL
GND
VDD
VSS
0.1 µF
GND
SW
0.1 µF
GND
0.1 µF
GND
VFN
0.1 µF
GND
VFP
All other
source
pins
0 V
Output
Output × 50%
VFP
VS
tRESPONSE (FN)
Output
(VD)
VFN - 0.5 V
0 V
Output × 50%
VFN
tRESPONSE = max ( tRESPONSE(FP), tRESPONSE(FN))
Max positive fault
0 V
60V / µs
ramp
Max negative fault
60V / µs
ramp
Figure 8-9. Fault Response Time Measurement Setup
8.9 Fault Recovery Time
Fault recovery time (tRECOVERY) measures the delay between the source voltage falling from overvoltage
condition to below fault supply voltage (VFP or VFN) plus 0.5 V and the drain voltage rising from 0 V to 50%
of the final output voltage. Figure 8-10 shows the setup used to measure tRECOVERY.
VS
tRECOVERY (FP)
Output
(VD)
VFP + 0.5 V
SW
Sx
D/ DX
VDD VSS
SW
VFP VFN
GND
GND
RL
VS
GND
CL
GND
VDD
VSS
0.1 µF
GND
SW
0.1 µF
GND
0.1 µF
GND
VFN
0.1 µF
GND
VFP
All other
source
pins
0 V
Output
Output × 50%
Output
(VD)
0 V
tRECOVERY = max ( tRECOVERY(FP), tRECOVERY(FN))
0 V
VFN - 0.5 V
0 V
Output × 50%
tRECOVERY (FN)
VS
Figure 8-10. Fault Recovery Time Measurement Setup
TMUX7348F
SCDS400 – MARCH 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7348F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com