Electronic Components Datasheet Search
  English  ▼

X  

TMUX7348F Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7348F
Description  TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7348F Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMUX7348F Datasheet HTML 43Page - Texas Instruments TMUX7348F Datasheet HTML 44Page - Texas Instruments TMUX7348F Datasheet HTML 45Page - Texas Instruments TMUX7348F Datasheet HTML 46Page - Texas Instruments TMUX7348F Datasheet HTML 47Page - Texas Instruments TMUX7348F Datasheet HTML 48Page - Texas Instruments TMUX7348F Datasheet HTML 49Page - Texas Instruments TMUX7348F Datasheet HTML 50Page - Texas Instruments TMUX7348F Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
S1B
A0
EN
VSS
S1A
S2A
S3A
A1
GND
VDD
S2B
S3B
S4A
TMUX7349F
C
DB
DA
S4B
Wide (low inductance)
trace for power
C
Wide (low inductance)
trace for power
VFN
SF
FF
VFP
C
Wide (low inductance)
trace for power
C
Wide (low inductance)
trace for power
1k
1k
Wide (low inductance)
trace for power
Via to ground plane
Via to signal plane
Figure 12-2. TMUX7349FPW Layout Example
VSS
S1
S5
S2
S6
S3
S7
Via to ground plane
Wide (low inductance)
trace for power
Wide (low inductance)
trace for power
VDD
S4
S8
C
C
Via to signal plane
1kΩ
1kΩ
Wide (low inductance)
trace for power
Wide (low inductance)
trace for power
Figure 12-3. TMUX7348FQFN Layout Example
www.ti.com
TMUX7348F
SCDS400 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TMUX7348F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com