Electronic Components Datasheet Search
  English  ▼

X  

TMUX7348F Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7348F
Description  TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7348F Datasheet(HTML) 5 Page - Texas Instruments

  TMUX7348F Datasheet HTML 1Page - Texas Instruments TMUX7348F Datasheet HTML 2Page - Texas Instruments TMUX7348F Datasheet HTML 3Page - Texas Instruments TMUX7348F Datasheet HTML 4Page - Texas Instruments TMUX7348F Datasheet HTML 5Page - Texas Instruments TMUX7348F Datasheet HTML 6Page - Texas Instruments TMUX7348F Datasheet HTML 7Page - Texas Instruments TMUX7348F Datasheet HTML 8Page - Texas Instruments TMUX7348F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
Table 6-2. Pin Functions: TMUX7349F (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
TSSOP(2)
WQFN(2)
S1A
4
2
I/O
Overvoltage protected source pin 1A. Can be an input or output.
S1B
17
15
I/O
Overvoltage protected source pin 1B. Can be an input or output.
S2A
5
3
I/O
Overvoltage protected source pin 2A. Can be an input or output.
S2B
16
14
I/O
Overvoltage protected source pin 2B. Can be an input or output.
S3A
6
4
I/O
Overvoltage protected source pin 3A. Can be an input or output.
S3B
15
13
I/O
Overvoltage protected source pin 3B. Can be an input or output.
S4A
7
5
I/O
Overvoltage protected source pin 4A. Can be an input or output.
S4B
14
12
I/O
Overvoltage protected source pin 4B. Can be an input or output.
SF
10
8
O
Specific fault flag. This pin is an open drain output and is asserted low when overvoltage condition is
detected on a specific pin, depending on the state of A0, A1, and EN, as shown in Table 9-2. Connect
this pin to an external supply (1.8 V to 5.5 V) through a 1 kΩ pull-up resistor.
VDD
18
16
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
VFN
9
7
P
Negative fault voltage supply that determines the overvoltage protection triggering threshold on the
negative side. Connect to VSS if the triggering threshold is to be the same as the device's negative
supply. For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between
VFN and GND.
VFP
12
10
P
Positive fault voltage supply that determines the overvoltage protection triggering threshold on the
positive side. Connect to VDD if the triggering threshold is to be the same as the device's positive
supply. For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between
VFP and GND.
VSS
3
1
P
Negative power supply. This pin is the most negative power-supply potential. In single-supply
applications, this pin can be connected to ground. For reliable operation, connect a decoupling
capacitor ranging from 0.1 µF to 10 µF between VSS and GND.
Thermal Pad
—
Thermal pad. The thermal pad is not connected internally. It is recommended that the pad be tied to
GND or VSS for best performance.
(1)
I = input, O = output, I/O = input and output, P = power
(2)
Preview package
www.ti.com
TMUX7348F
SCDS400 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMUX7348F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com