Electronic Components Datasheet Search
  English  ▼

X  

TMUX7348F Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7348F
Description  TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7348F Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMUX7348F Datasheet HTML 51Page - Texas Instruments TMUX7348F Datasheet HTML 52Page - Texas Instruments TMUX7348F Datasheet HTML 53Page - Texas Instruments TMUX7348F Datasheet HTML 54Page - Texas Instruments TMUX7348F Datasheet HTML 55Page - Texas Instruments TMUX7348F Datasheet HTML 56Page - Texas Instruments TMUX7348F Datasheet HTML 57Page - Texas Instruments TMUX7348F Datasheet HTML 58Page - Texas Instruments TMUX7348F Datasheet HTML 59Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
3.
The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PACKAGE OUTLINE
www.ti.com
4219125 / A 10/2016
WQFN - 0.8 mm max height
PLASTIC QUAD FLATPACK - NO LEAD
RTJ0020D
0.1
C A B
0.05
C
4.1
3.9
4.1
3.9
B
A
PIN 1 INDEX AREA
C
0.8 MAX
0.05
0.00
SEATING PLANE
20X
0.29
0.19
20
PIN 1 ID
(OPTIONAL)
EXPOSED
THERMAL PAD
SYMM
SYMM
(A) TYP
0.08 C
16X 0.5
15
1
DIM A
OPT 1
OPT 2
(0.1)
(0.2)
16
11
5
6
10
21
4X 2
20X
0.5
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com