Electronic Components Datasheet Search
  English  ▼

X  

TMUX7348F Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7348F
Description  TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7348F Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX7348F Datasheet HTML 2Page - Texas Instruments TMUX7348F Datasheet HTML 3Page - Texas Instruments TMUX7348F Datasheet HTML 4Page - Texas Instruments TMUX7348F Datasheet HTML 5Page - Texas Instruments TMUX7348F Datasheet HTML 6Page - Texas Instruments TMUX7348F Datasheet HTML 7Page - Texas Instruments TMUX7348F Datasheet HTML 8Page - Texas Instruments TMUX7348F Datasheet HTML 9Page - Texas Instruments TMUX7348F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD to VSS
Supply voltage
48
V
VDD to GND
–0.3
48
V
VSS to GND
–48
0.3
V
VFP to GND
Positive fault clamping voltage
–0.3
VDD + 0.3
V
VFN to GND
Negative fault clamping voltage
VSS – 0.3
0.3
V
VS to GND
Source input pin (Sx) voltage to GND
–65
65
V
VS to VDD
Source input pin (Sx) voltage to VDD
–90
V
VS to VSS
Source input pin (Sx) voltage to VSS
90
V
VD
Drain pin (D or Dx) voltage
VFN–0.7
VFP+0.7
V
VEN or VAx
Logic control input pin voltage (EN, A0, A1, A2)(2)
GND –0.7
48
V
VxF
Logic output pin (SF, FF) voltage(2)
GND –0.7
6
V
IEN or IAx
Logic control input pin current (EN, A0, A1, A2)(2)
–30
30
mA
IxF
Logic output pin (SF, FF) current(2)
–10
10
mA
IS or ID (CONT)
Source or drain continuous current (Sx or D)
IDC ± 10 %(3)
IDC ± 10 %(3)
mA
Tstg
Storage temperature
–65
150
°C
TA
Ambient temperature
–55
150
°C
TJ
Junction temperature
150
°C
Ptot (4)
Total power dissipation (QFN)
1900
mW
Ptot (5)
Total power dissipation (TSSOP)
800
mW
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
(2)
Stresses have to be kept at or below both voltage and current ratings at all time.
(3)
Refer to Recommended Operating Conditions for IDC ratings.
(4)
For QFN package: Ptot derates linearly above TA = 70°C by 28.5 mW/°C
(5)
For TSSOP package: Ptot derates linearly above TA = 70°C by 12.0 mW/°C
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3500
V
Charged device model (CDM), per JEDEC specification JESD22-
C101 or ANSI/ESDA/JEDEC JS-002(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible if necessary precautions are taken.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible if necessary precautions are taken.
TMUX7348F
SCDS400 – MARCH 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7348F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com