| Electronic Components Datasheet Search |
|
AM2434 Datasheet(PDF) 63 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2434 Datasheet(HTML) 63 Page - Texas Instruments |
|
63 / 242 page ![]() Table 6-12. DDRSS0 Signal Descriptions (continued) Signal Name [1] ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] DDR0_DQ14 IO DDRSS Data M4 DDR0_DQ15 IO DDRSS Data N2 DDR0_DQS0 IO DDRSS Data Strobe 0 C1 DDR0_DQS0_n IO DDRSS Complimentary Data Strobe 0 B1 DDR0_DQS1 IO DDRSS Data Strobe 1 N1 DDR0_DQS1_n IO DDRSS Complimentary Data Strobe 1 M1 DDR0_ODT0 O DDRSS On-Die Termination for Chip Select 0 E5 DDR0_ODT1 O DDRSS On-Die Termination for Chip Select 1 F5 DDR0_RESET0_n O DDRSS Reset D5 (1) The DDRSS0 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. 6.3.6 ECAP MAIN Domain Instances Table 6-13. ECAP0 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] ECAP0_IN_APWM_OUT (1) IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput D18 (1) The ECAP0_IN_APWM_OUT signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-14. ECAP1 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] ECAP1_IN_APWM_OUT IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput C17 B14 Table 6-15. ECAP2 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] ECAP2_IN_APWM_OUT IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput D17 A15 6.3.7 Emulation and Debug MAIN Domain Instances Table 6-16. Trace Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] TRC_CLK O Trace Clock T20 R21 TRC_CTL O Trace Control U21 R20 TRC_DATA0 O Trace Data 0 T18 T19 TRC_DATA1 O Trace Data 1 U20 V21 TRC_DATA2 O Trace Data 2 U18 U21 TRC_DATA3 O Trace Data 3 U19 T20 TRC_DATA4 O Trace Data 4 V20 T18 TRC_DATA5 O Trace Data 5 V21 U19 TRC_DATA6 O Trace Data 6 V19 U18 TRC_DATA7 O Trace Data 7 T17 U20 TRC_DATA8 O Trace Data 8 R16 V20 TRC_DATA9 O Trace Data 9 W20 W20 TRC_DATA10 O Trace Data 10 W21 Y20 TRC_DATA11 O Trace Data 11 V18 Y19 TRC_DATA12 O Trace Data 12 Y21 Y18 www.ti.com AM2434, AM2432, AM2431 SPRSP65C – APRIL 2021 – REVISED MARCH 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 63 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |