Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434
Description  AM243x Sitara??Microcontrollers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AM2434 Datasheet HTML 10Page - Texas Instruments AM2434 Datasheet HTML 11Page - Texas Instruments AM2434 Datasheet HTML 12Page - Texas Instruments AM2434 Datasheet HTML 13Page - Texas Instruments AM2434 Datasheet HTML 14Page - Texas Instruments AM2434 Datasheet HTML 15Page - Texas Instruments AM2434 Datasheet HTML 16Page - Texas Instruments AM2434 Datasheet HTML 17Page - Texas Instruments AM2434 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 242 page
background image
6. DSIS: The deselected input state (DSIS) indicates the state driven to the subsystem input (logic "0", logic
"1", or "pad" level) when the pin multiplexed signal function is not selected by MUXMODE.
• 0: Logic 0 driven to the subsystem input.
• 1: Logic 1 driven to the subsystem input.
• pad: Logic state of the pad is driven to the subsystem input.
• An empty box or "-" means Not Applicable.
7. BALL STATE DURING RESET (RX/TX/PULL): State of the terminal while MCU_PORz is asserted, where
RX defines the state of the input buffer, TX defines the state of the output buffer, and PULL defines the state
of internal pull resistors:
• RX (Input buffer)
– Off: The input buffer is disabled.
– On: The input buffer is enabled.
• TX (Output buffer)
– Off: The output buffer is disabled.
– Low: The output buffer is enabled and drives VOL.
• PULL (Internal pull resistors)
– Off: Internal pull resistors are turned off.
– Up: Internal pull-up resistor is turned on.
– Down: Internal pull-down resistor is turned on.
• An empty box or "-" means Not Applicable.
8. BALL STATE AFTER RESET (RX/TX/PULL): State of the terminal after MCU_PORz is deasserted, where
RX defines the state of the input buffer, TX defines the state of the output buffer, and PULL defines the state
of internal pull resistors:
• RX (Input buffer)
– Off: The input buffer is disabled.
– On: The input buffer is enabled.
• TX (Output buffer)
– Off: The output buffer is disabled.
– SS: The subsystem selected with MUXMODE determines the output buffer state.
• PULL (Internal pull resistors)
– Off: Internal pull resistors are turned off.
– Up: Internal pull-up resistor is turned on.
– Down: Internal pull-down resistor is turned on.
• An empty box or "-" means Not Applicable.
9. MUX MODE AFTER RESET: The value found in this column defines the default pin multiplexed signal
function after MCU_PORz is deasserted.
• An empty box means Not Applicable.
10. I/O VOLTAGE VALUE: This column describes I/O operating voltage options of the respective power
supply, when applicable.
• An empty box or "-" means Not Applicable.
For more information, see valid operating voltage range(s) defined for each power supply in Recommended
Operating Conditions.
11. POWER: The power supply of the associated I/O, when applicable.
• An empty box or "-" means Not Applicable.
12. HYS: Indicates if the input buffer associated with this I/O has hysteresis:
• Yes: Hysteresis Support
• No: No Hysteresis Support
• An empty box or "-" means Not Applicable.
For more information, see the hysteresis values in Electrical Characteristics.
AM2434, AM2432, AM2431
SPRSP65C – APRIL 2021 – REVISED MARCH 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com