| Electronic Components Datasheet Search |
|
AM2434 Datasheet(PDF) 91 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2434 Datasheet(HTML) 91 Page - Texas Instruments |
|
91 / 242 page ![]() 6.3.24 TIMER MAIN Domain Instances Table 6-73. TIMER Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] TIMER_IO0 IO Timer Inputs and Outputs (not tied to single timer instance) C18, K18 A17, K18 TIMER_IO1 IO Timer Inputs and Outputs (not tied to single timer instance) B19, K19 B18, K20 TIMER_IO2 IO Timer Inputs and Outputs (not tied to single timer instance) A17, L21 B13, J19 TIMER_IO3 IO Timer Inputs and Outputs (not tied to single timer instance) B17, K21 A14, J18 TIMER_IO4 IO Timer Inputs and Outputs (not tied to single timer instance) C17, L20 B14, J20 TIMER_IO5 IO Timer Inputs and Outputs (not tied to single timer instance) D17, J19 A15, J21 TIMER_IO6 IO Timer Inputs and Outputs (not tied to single timer instance) B16, D19, T1 B17, B9, E2 TIMER_IO7 IO Timer Inputs and Outputs (not tied to single timer instance) A16, C20, U7 A9, C16, T2 TIMER_IO8 IO Timer Inputs and Outputs (not tied to single timer instance) P19, V7 Y4 TIMER_IO9 IO Timer Inputs and Outputs (not tied to single timer instance) R21, W7 U3 TIMER_IO10 IO Timer Inputs and Outputs (not tied to single timer instance) C13, U13 B7, V13 TIMER_IO11 IO Timer Inputs and Outputs (not tied to single timer instance) D14, U1 E1 MCU Domain Instances Table 6-74. MCU_TIMER Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] MCU_TIMER_IO0 IO Timer Inputs and Outputs (not tied to single timer instance) D8 D4 MCU_TIMER_IO1 IO Timer Inputs and Outputs (not tied to single timer instance) E8 C2 MCU_TIMER_IO2 (1) IO Timer Inputs and Outputs (not tied to single timer instance) B8 MCU_TIMER_IO3 (1) IO Timer Inputs and Outputs (not tied to single timer instance) B9 (1) This MCU_TIMER_IO signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. 6.3.25 UART MAIN Domain Instances Table 6-75. UART0 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] UART0_CTSn I UART Clear to Send (active low) B16 B9 UART0_DCDn I UART Data Carrier Detect (active low) C17 B14 UART0_DSRn I UART Data Set Ready (active low) D17 A15 UART0_DTRn O UART Data Terminal Ready (active low) A17 B13 UART0_RIn I UART Ring Indicator B17 A14 UART0_RTSn O UART Request to Send (active low) A16 A9 UART0_RXD I UART Receive Data D15 B10 UART0_TXD O UART Transmit Data C16 B11 www.ti.com AM2434, AM2432, AM2431 SPRSP65C – APRIL 2021 – REVISED MARCH 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 91 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |