| Electronic Components Datasheet Search |
|
AM2434 Datasheet(PDF) 73 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2434 Datasheet(HTML) 73 Page - Texas Instruments |
|
73 / 242 page ![]() Table 6-42. GPMC0 Signal Descriptions (continued) Signal Name [1] ((2)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] GPMC0_AD6 IO GPMC Data 6 Input/Output in A/D non-multiplexed mode and additionally Address 7 Output in A/D multiplexed mode V20 T18 GPMC0_AD7 IO GPMC Data 7 Input/Output in A/D non-multiplexed mode and additionally Address 8 Output in A/D multiplexed mode V21 U19 GPMC0_AD8 IO GPMC Data 8 Input/Output in A/D non-multiplexed mode and additionally Address 9 Output in A/D multiplexed mode V19 U18 GPMC0_AD9 IO GPMC Data 9 Input/Output in A/D non-multiplexed mode and additionally Address 10 Output in A/D multiplexed mode T17 U20 GPMC0_AD10 IO GPMC Data 10 Input/Output in A/D non-multiplexed mode and additionally Address 11 Output in A/D multiplexed mode R16 V20 GPMC0_AD11 IO GPMC Data 11 Input/Output in A/D non-multiplexed mode and additionally Address 12 Output in A/D multiplexed mode W20 W20 GPMC0_AD12 IO GPMC Data 12 Input/Output in A/D non-multiplexed mode and additionally Address 13 Output in A/D multiplexed mode W21 Y20 GPMC0_AD13 IO GPMC Data 13 Input/Output in A/D non-multiplexed mode and additionally Address 14 Output in A/D multiplexed mode V18 Y19 GPMC0_AD14 IO GPMC Data 14 Input/Output in A/D non-multiplexed mode and additionally Address 15 Output in A/D multiplexed mode Y21 Y18 GPMC0_AD15 IO GPMC Data 15 Input/Output in A/D non-multiplexed mode and additionally Address 16 Output in A/D multiplexed mode Y20 AA19 GPMC0_AD16 IO GPMC Data 16 Input/Output in A/D non-multiplexed mode and additionally Address 17 Output in A/D multiplexed mode Y7 V4 GPMC0_AD17 IO GPMC Data 17 Input/Output in A/D non-multiplexed mode and additionally Address 18 Output in A/D multiplexed mode U8 W5 GPMC0_AD18 IO GPMC Data 18 Input/Output in A/D non-multiplexed mode and additionally Address 19 Output in A/D multiplexed mode W8 AA4 GPMC0_AD19 IO GPMC Data 19 Input/Output in A/D non-multiplexed mode and additionally Address 20 Output in A/D multiplexed mode V8 Y5 GPMC0_AD20 IO GPMC Data 20 Input/Output in A/D non-multiplexed mode and additionally Address 21 Output in A/D multiplexed mode Y8 AA5 GPMC0_AD21 IO GPMC Data 21 Input/Output in A/D non-multiplexed mode and additionally Address 22 Output in A/D multiplexed mode V13 U14 GPMC0_AD22 IO GPMC Data 22 Input/Output in A/D non-multiplexed mode and additionally Address 23 Output in A/D multiplexed mode AA7 Y2 GPMC0_AD23 IO GPMC Data 23 Input/Output in A/D non-multiplexed mode and additionally Address 24 Output in A/D multiplexed mode U13 V13 GPMC0_AD24 IO GPMC Data 24 Input/Output in A/D non-multiplexed mode and additionally Address 25 Output in A/D multiplexed mode W13 Y13 GPMC0_AD25 IO GPMC Data 25 Input/Output in A/D non-multiplexed mode and additionally Address 26 Output in A/D multiplexed mode U15 W16 GPMC0_AD26 IO GPMC Data 26 Input/Output in A/D non-multiplexed mode and additionally Address 27 Output in A/D multiplexed mode U14 W13 www.ti.com AM2434, AM2432, AM2431 SPRSP65C – APRIL 2021 – REVISED MARCH 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 73 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |