| Electronic Components Datasheet Search |
|
AM2434 Datasheet(PDF) 65 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM2434 Datasheet(HTML) 65 Page - Texas Instruments |
|
65 / 242 page ![]() Table 6-20. EPWM1 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EHRPWM1_A IO EHRPWM Output A U19 T20 EHRPWM1_B IO EHRPWM Output B V20 T18 Table 6-21. EPWM2 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EHRPWM2_A IO EHRPWM Output A V19 U18 EHRPWM2_B IO EHRPWM Output B T17 U20 Table 6-22. EPWM3 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EHRPWM3_A IO EHRPWM Output A V18 Y19 EHRPWM3_B IO EHRPWM Output B Y21 Y18 EHRPWM3_SYNCI I Sync Input to EHRPWM module from an external pin Y20 AA19 EHRPWM3_SYNCO (1) O Sync Output to EHRPWM module to an external pin R17 (1) The EHRPWM3_SYNCO signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-23. EPWM4 Signal Descriptions Signal Name [1] ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EHRPWM4_A IO EHRPWM Output A R18 EHRPWM4_B IO EHRPWM Output B T21 (1) The EPWM4 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-24. EPWM5 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EHRPWM5_A IO EHRPWM Output A T19 P21 EHRPWM5_B (1) IO EHRPWM Output B W19 (1) The EHRPWM5_B signal is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-25. EPWM6 Signal Descriptions Signal Name [1] ((1)) Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EHRPWM6_A IO EHRPWM Output A B14, N16 EHRPWM6_B IO EHRPWM Output B A15, N17 EHRPWM6_SYNCI I Sync Input to EHRPWM module from an external pin C14, R19 EHRPWM6_SYNCO O Sync Output to EHRPWM module to an external pin B15, R20 (1) The EPWM6 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 6-26. EPWM7 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EHRPWM7_A IO EHRPWM Output A P17, P5, W20 D1, W20 EHRPWM7_B IO EHRPWM Output B R2, W21, Y18 F3, Y20 Table 6-27. EPWM8 Signal Descriptions Signal Name [1] Signal Type [2] Description [3] ALV PIN [4] ALX PIN [4] EHRPWM8_A IO EHRPWM Output A V1, V21 K4, U19 EHRPWM8_B IO EHRPWM Output B R16, W1 G2, V20 www.ti.com AM2434, AM2432, AM2431 SPRSP65C – APRIL 2021 – REVISED MARCH 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 65 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |