Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara??Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2732 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM2732 Datasheet HTML 45Page - Texas Instruments AM2732 Datasheet HTML 46Page - Texas Instruments AM2732 Datasheet HTML 47Page - Texas Instruments AM2732 Datasheet HTML 48Page - Texas Instruments AM2732 Datasheet HTML 49Page - Texas Instruments AM2732 Datasheet HTML 50Page - Texas Instruments AM2732 Datasheet HTML 51Page - Texas Instruments AM2732 Datasheet HTML 52Page - Texas Instruments AM2732 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
Table 7-9. Device Wake-Up Sequence Timing (continued)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
tSU_SOP
Setup time for SOP signals to be sampled by the rising edge of
NRESET.
Device is ready to sample SOP pin states anytime after power supplies
are at recommended operating conditions.
0
ms
tMSS_BOOT_START
Typical delay after NRESET rising edge before boot ROM to begins
MSS code execution.
Value depends on whether device is operating directly from a crystal
source or oscillator (REFCLK) source. Faster startup possible with the
oscillator mode.
0.5
7.0
ms
tRESET_POWER_DELAY
During power off events, delay after NRESET is brought from VIOIN to
VSS level to when power pins can be powered off.
Device power pins can be powered off anytime after NRESET is
brought to VSS level.
0
ms
7.11.2 Clock Specifications
An external crystal is connected to the device pins. Figure 7-2 shows the crystal implementation.
40 MHz
CLKP
CLKM
Cf1
Cf2
Cp
Figure 7-2. Crystal Implementation
Note
The load capacitors, Cf1 and Cf2 in Figure 7-2, should be chosen such that Equation 1 is satisfied.
CL in the equation is the load specified by the crystal manufacturer. All discrete components used
to implement the oscillator circuit should be placed as close as possible to the associated oscillator
CLKP and CLKM pins. Note that Cf1 and Cf2 include the parasitic capacitances due to PCB routing.
f 2
L
f1
P
f1
f 2
C
C
C
C
C
C
=
´
+
+
(1)
Table 7-10 lists the electrical characteristics of the clock crystal.
Table 7-10. Crystal Electrical Characteristics (Oscillator Mode)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fP
Parallel resonance crystal frequency
40
MHz
CL
Crystal load capacitance
5
8
12
pF
ESR
Crystal ESR
50
Ω
Temperature range
Expected temperature range of operation
–40
150
°C
Frequency tolerance
Crystal frequency tolerance(1) (2) (3)
–200
200
ppm
Drive level
50
200
µW
(1)
The crystal manufacturer's specification must satisfy this requirement.
(2)
Includes initial tolerance of the crystal, drift over temperature, aging and frequency pulling due to incorrect load capacitance.
(3)
Crystal tolerance affects sensor accuracy if AM273x used as clock source for attached sensors.
www.ti.com
AM2732, AM2732-Q1
SWRS245A – DECEMBER 2021 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com