Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara??Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2732 Datasheet(HTML) 1 Page - Texas Instruments

  AM2732 Datasheet HTML 1Page - Texas Instruments AM2732 Datasheet HTML 2Page - Texas Instruments AM2732 Datasheet HTML 3Page - Texas Instruments AM2732 Datasheet HTML 4Page - Texas Instruments AM2732 Datasheet HTML 5Page - Texas Instruments AM2732 Datasheet HTML 6Page - Texas Instruments AM2732 Datasheet HTML 7Page - Texas Instruments AM2732 Datasheet HTML 8Page - Texas Instruments AM2732 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
AM273x Sitara™ Microcontrollers
1 Features
Processor Cores:
• Dual-core Arm® Cortex®-R5F MCU subsystem
operating up to 400 MHz, highly-integrated for
real-time processing
– Dual-core Arm® Cortex®-R5F cluster supports
dual-core and single-core operation
– 32KB ICache and 32KB DCache per R5F core
with SECDED ECC on all memories
– Single-core: 128KB TCM per cluster (128KB
TCM per R5F core)
– Dual-core: 128KB TCM per cluster (64KB TCM
per R5F core)
• TMS320C66x DSP core
– Single core, 32-bit, floating point DSP
– Operating at 450 MHz (14.4 GMAC)
Memory subsystem:
• Up to 5.0 MB On Chip RAM (OCSRAM)
– Memory space sharable between DSP, MCU,
and shared L3
– 3.5625MB shared L3 memory
– 960KB dedicated to Main subsystem
– 384KB dedicated to DSP subsystem
• External Memory Interfaces (EMIF)
– QSPI interface operating up to 67 MHz
System on Chip (SoC) Services and Architecture:
• 12x EDMA for various subsystems, MCU, DSP
and Accelerator cores
• 5x Real-Time Interrupt (RTI) modules
• Mailbox system for Interprocessor Communication
(IPC)
• JTAG/Trace interfaces for device debugging
• Clock source
– 40.0 MHz crystal with internal oscillator
– Supports external oscillator at 40/50 MHz
– Supports externally driven clock (Square/Sine)
at 40/50 MHz
High-speed Serial Interfaces:
• 10/100 Mbps Ethernet (RGMII/RMII/MII)
• Input: 2x 4-lane MIPI D-PHY CSI 2.0 Data
• Output: 4-lane Aurora/LVDS
General Connectivity Peripherals:
• General Purpose Analog to Digital Converters
(GPADC)
– 1x 9-channel ADC supporting up to 625 Ksps
• Digital Connectivity
– 4x Serial Peripheral Interface (SPI) controllers
operating up to 25 MHz
– 3x Inter-Integrated Circuit (I2C) ports
– 4x Universal Asynchronous Receiver-
Transmitters (UART)
Industrial and control interfaces:
• 3x Enhanced Pulse-Width Modulator (ePWM)
• 1x Enhanced Capture Module (eCAP)
• 2x Modular Controller Area Network (MCAN)
modules with CAN-FD support
Power Management:
• Simplified power sequencing and reduced number
of power supply rails
• Dual voltage digital I/O supporting 3.3V and 1.8V
operation
Security:
• Device Security
– Programmable embedded Hardware Security
Module (HSM)
– Secure authenticated and encrypted boot
support
– Customer programmable root keys, symmetric
keys (256 bit), Asymmetric keys (up to RSA-4K
or ECC-512) with Key revocation capability
– Crypto hardware accelerators - PKA with ECC,
AES (up to 256 bit), TRNG/DRBG
Functional Safety:
• Functional Safety-Compliant targeted
– Developed for functional safety applications
– Documentation will be available to aid ISO
26262 functional safety system design
– Hardware integrity up to ASIL B targeted
– Safety-related certification
• ISO 26262 certification by TÜV SÜD
planned
• AEC-Q100 qualification targeted
• Operating Conditions
– Automotive grade temperature range supported
– Industrial grade temperature range supported
Package options:
• ZCE (285-pin) nFBGA package 13mm x 13mm,
0.65 mm pitch
• 45-nm technology
• Compact solution size
AM2732, AM2732-Q1
SWRS245A – DECEMBER 2021 – REVISED FEBRUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AM2732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2732 TI-AM2732 Datasheet
5Mb / 94P
AM273x Sitara??Microcontrollers
DECEMBER 2021
AM2732 TI1-AM2732 Datasheet
6Mb / 114P
AM273x Sitara™ Microcontrollers
DECEMBER 2023
AM2732-Q1 TI1-AM2732-Q1 Datasheet
6Mb / 114P
AM273x Sitara™ Microcontrollers
DECEMBER 2023
AM2732ADRFGAZCER TI-AM2732ADRFGAZCER Datasheet
5Mb / 94P
AM273x Sitara??Microcontrollers
DECEMBER 2021
AM2732ADRFGAZCER TI1-AM2732ADRFGAZCER Datasheet
6Mb / 114P
AM273x Sitara™ Microcontrollers
DECEMBER 2023
More results

Similar Description - AM2732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
Sitara Processors
AM2434 TI-AM2434 Datasheet
6Mb / 316P
AM243x Sitara??Microcontrollers
AM2732 TI-AM2732 Datasheet
5Mb / 94P
AM273x Sitara??Microcontrollers
DECEMBER 2021
AM2634 TI-AM2634 Datasheet
3Mb / 140P
AM263x Sitara??Microcontrollers
MARCH 2022
AM2434 TI-AM2434_V01 Datasheet
5Mb / 242P
AM243x Sitara??Microcontrollers
MARCH 2022
AM2434 TI-AM2434_V02 Datasheet
6Mb / 280P
AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
AM2434 TI-AM2434_V03 Datasheet
6Mb / 282P
AM243x Sitara™ Microcontrollers
REVISED SEPTEMBER 2022
AM2634 TI-AM2634_V01 Datasheet
3Mb / 164P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM2634 TI-AM2634_V02 Datasheet
2Mb / 167P
AM263x Sitara™ Microcontrollers
REVISED NOVEMBER 2022
AM263P4 TI-AM263P4 Datasheet
2Mb / 154P
AM263Px Sitara™ Microcontrollers
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com