Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara??Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2732 Datasheet(HTML) 62 Page - Texas Instruments

Back Button AM2732 Datasheet HTML 58Page - Texas Instruments AM2732 Datasheet HTML 59Page - Texas Instruments AM2732 Datasheet HTML 60Page - Texas Instruments AM2732 Datasheet HTML 61Page - Texas Instruments AM2732 Datasheet HTML 62Page - Texas Instruments AM2732 Datasheet HTML 63Page - Texas Instruments AM2732 Datasheet HTML 64Page - Texas Instruments AM2732 Datasheet HTML 65Page - Texas Instruments AM2732 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 97 page
background image
REF_CLK (PRCM)
rmiin_txd1−rmiin_txd0,
rmiin_txen (Outputs)
SPRS8xx_GMAC_RMIITX_06
RMII7
RMII8
RMII9
RMII11
RMII10
Figure 7-13. GMAC Transmit Interface Timing RMIIn Operation
7.11.3.3.8 RMII Receive Clock Timing Requirements
NO.
MIN
MAX
UNIT
RMII1 tc(REF_CLK)
Cycle time, REF_CLK
20
ns
RMII2 tw(REF_CLKH)
Pulse duration, REF_CLK high
7
13
ns
RMII3 tw(REF_CLKL)
Pulse duration, REF_CLK low
7
13
ns
RMII4 ttt(REF_CLK)
Transistion time, REF_CLK
3
ns
7.11.3.3.9 RMII Receive Data and Control Timing Requirements
NO.
MIN
MAX
UNIT
RMII5
tsu(RXD-REF_CLK)
Setup time, receive selected signals valid before REF_CLK
4
ns
tsu(CRS_DV-REF_CLK)
tsu(RX_ER-REF_CLK)
RMII6
th(REF_CLK-RXD)
Hold time, receive selected signals valid after REF_CLK
2
ns
th(REF_CLK-CRS_DV)
th(REF_CLK-RX_ER)
REF_CLK (PRCM)
RMII5
RMII6
rmiin_rxd1−
rmin_rxer
rmiin_rxd0,
rmiin_crs,
(inputs)
SPRS8xx_GMAC_RMIIRX_05
RMII1
RMII3
RMII2
RMII4
Figure 7-14. GMAC Receive Interface Timing RMIIn operation
7.11.3.3.10 MII Transmit Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
td(TX_CLK-TXD)
Delay time, miin_txclk to transmit selected signals valid
0
25
ns
td(TX_CLK-TX_EN)
td(TX_CLK-TX_ER)
AM2732, AM2732-Q1
SWRS245A – DECEMBER 2021 – REVISED FEBRUARY 2022
www.ti.com
62
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com