Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara??Microcontrollers
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2732 Datasheet(HTML) 73 Page - Texas Instruments

Back Button AM2732 Datasheet HTML 69Page - Texas Instruments AM2732 Datasheet HTML 70Page - Texas Instruments AM2732 Datasheet HTML 71Page - Texas Instruments AM2732 Datasheet HTML 72Page - Texas Instruments AM2732 Datasheet HTML 73Page - Texas Instruments AM2732 Datasheet HTML 74Page - Texas Instruments AM2732 Datasheet HTML 75Page - Texas Instruments AM2732 Datasheet HTML 76Page - Texas Instruments AM2732 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
7.11.4.3 ETM Trace Interface
The ETM Trace interface provides a means of exporting real time processor debug information to a host PC
through a compatible emulator toolset.
Section 7.11.4.3.1 and Section 7.11.4.3.2 describe the operating conditions shown in Figure 7-24 and Figure
7-25.
7.11.4.3.1 ETM TRACE Timing Requirements
MIN
TYP
MAX
UNIT
Output Conditions
CLOAD
Output load capacitance
2
20
pF
7.11.4.3.2 ETM TRACE Switching Characteristics
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
tcyc(ETM)
Cycle time, TRACECLK
period
16
ns
2
th(ETM)
Pulse Duration, TRACECLK
High
7
ns
3
tl(ETM)
Pulse Duration, TRACECLK
Low
7
ns
4
tr(ETM)
Clock and data rise time
3.3
ns
5
tf(ETM)
Clock and data fall time
3.3
ns
6
td(ETMTRACECLKH-ETMDATAV)
Delay time, ETM trace clock
high to ETM data valid
1
7
ns
7
td(ETMTRACECLKl-ETMDATAV)
Delay time, ETM trace clock
low to ETM data valid
1
7
ns
t
r(ETM)
t
h(ETM)
t
l(ETM)
t
f(ETM)
t
cyc(ETM)
Figure 7-24. ETMTRACECLKOUT Timing
Figure 7-25. ETMDATA Timing
www.ti.com
AM2732, AM2732-Q1
SWRS245A – DECEMBER 2021 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: AM2732 AM2732-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com