Electronic Components Datasheet Search
  English  ▼

X  

RX5VT Datasheet(PDF) 14 Page - RICOH electronics devices division

Part # RX5VT
Description  LOW VOLTAGE DETECTOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RX5VT Datasheet(HTML) 14 Page - RICOH electronics devices division

Back Button RX5VT Datasheet HTML 10Page - RICOH electronics devices division RX5VT Datasheet HTML 11Page - RICOH electronics devices division RX5VT Datasheet HTML 12Page - RICOH electronics devices division RX5VT Datasheet HTML 13Page - RICOH electronics devices division RX5VT Datasheet HTML 14Page - RICOH electronics devices division RX5VT Datasheet HTML 15Page - RICOH electronics devices division RX5VT Datasheet HTML 16Page - RICOH electronics devices division RX5VT Datasheet HTML 17Page - RICOH electronics devices division RX5VT Datasheet HTML 18Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
R
×5VT
10
Supply Current 1
Supply Current 2
Iss(µA)
Iss(µA)
Conditions
TYP.
MAX.
Conditions
TYP.
MAX.
0.9
2.7
0.8
2.4
1.0
3.0
VDD=
(–VDET)
–0.10V
VDD=
0.9
2.7
(–VDET)
1.1
3.3
+2.0V
VDD=
(–VDET)
1.0
3.0
1.2
3.6
–0.13V
•
R
×5VT09A/C to R×5VT39A/C
Detector Threshold
Detector Threshold
Part Number
–VDET(V)
VHYS(V)
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
R
×5VT09A/C 0.878 0.900 0.922 0.027 0.045 0.063
R
×5VT10A/C 0.975 1.000 1.025 0.030 0.050 0.070
R
×5VT11A/C 1.073 1.100 1.127 0.033 0.055 0.077
R
×5VT12A/C 1.170 1.200 1.230 0.036 0.060 0.084
R
×5VT13A/C 1.268 1.300 1.332 0.039 0.065 0.091
R
×5VT14A/C 1.365 1.400 1.435 0.042 0.070 0.098
R
×5VT15A/C 1.463 1.500 1.537 0.045 0.075 0.105
R
×5VT16A/C 1.560 1.600 1.640 0.048 0.080 0.112
R
×5VT17A/C 1.658 1.700 1.742 0.051 0.085 0.119
R
×5VT18A/C 1.755 1.800 1.845 0.054 0.090 0.126
R
×5VT19A/C 1.853 1.900 1.947 0.057 0.095 0.133
R
×5VT20A/C 1.950 2.000 2.050 0.060 0.100 0.140
R
×5VT21A/C 2.048 2.100 2.152 0.063 0.105 0.147
R
×5VT22A/C 2.145 2.200 2.255 0.066 0.110 0.154
R
×5VT23A/C 2.243 2.300 2.357 0.069 0.115 0.161
R
×5VT24A/C 2.340 2.400 2.460 0.072 0.120 0.168
R
×5VT25A/C 2.438 2.500 2.562 0.075 0.125 0.175
R
×5VT26A/C 2.535 2.600 2.665 0.078 0.130 0.182
R
×5VT27A/C 2.633 2.700 2.767 0.081 0.135 0.189
R
×5VT28A/C 2.730 2.800 2.870 0.084 0.140 0.196
R
×5VT29A/C 2.828 2.900 2.972 0.087 0.145 0.203
R
×5VT30A/C 2.925 3.000 3.075 0.090 0.150 0.210
R
×5VT31A/C 3.023 3.100 3.177 0.093 0.155 0.217
R
×5VT32A/C 3.120 3.200 3.280 0.096 0.160 0.224
R
×5VT33A/C 3.218 3.300 3.382 0.099 0.165 0.231
R
×5VT34A/C 3.315 3.400 3.485 0.102 0.170 0.238
R
×5VT35A/C 3.413 3.500 3.587 0.105 0.175 0.245
R
×5VT36A/C 3.510 3.600 3.690 0.108 0.180 0.252
R
×5VT37A/C 3.608 3.700 3.792 0.111 0.185 0.259
R
×5VT38A/C 3.705 3.800 3.895 0.114 0.190 0.266
Hysteresis
ELECTRICAL CHARACTEISTICS BY DETECTOR THRESHOLD
(Note 1) Refer to the previously defined “Output Delay Time tPLH”.
(Note 2) Refer to the previously defined “Minimum Operating Voltage”.
Condition 1:Topt =25˚C
Condition 2:–30˚C
≤Topt ≤ 80˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com