Electronic Components Datasheet Search
  English  ▼

X  

RX5VT Datasheet(PDF) 24 Page - RICOH electronics devices division

Part # RX5VT
Description  LOW VOLTAGE DETECTOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RX5VT Datasheet(HTML) 24 Page - RICOH electronics devices division

Back Button RX5VT Datasheet HTML 20Page - RICOH electronics devices division RX5VT Datasheet HTML 21Page - RICOH electronics devices division RX5VT Datasheet HTML 22Page - RICOH electronics devices division RX5VT Datasheet HTML 23Page - RICOH electronics devices division RX5VT Datasheet HTML 24Page - RICOH electronics devices division RX5VT Datasheet HTML 25Page - RICOH electronics devices division RX5VT Datasheet HTML 26Page - RICOH electronics devices division RX5VT Datasheet HTML 27Page - RICOH electronics devices division RX5VT Datasheet HTML 28Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
R
×5VT
20
R
×5VT09C
6) Pch Driver Output Current vs. Input Voltage
R
×5VT45C
R
×5VT27A
R
×5VT09A
R
×5VT27C
7) Output Delay Time vs. Load Capacitance
0
2
4
6
8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Input Voltage VIN(V)
0.5V
Topt=25˚C
VDS=0.7V
0
1
2
3
4
5
6
7
0
0.5
1.0
1.5
2.0
2.5
3.0
Input Voltage VIN(V)
Topt=25˚C
1.5V
1.0V
0.5V
VDS=2.1V
0
2
4
6
8
10
0
1
2
3
4
Input Voltage VIN(V)
Topt=25˚C
1.5V
1.0V
0.5V
VDS=2.1V
0.0001
0.001
0.01
0.1
0.01
0.1
1
10
100
Load Capacitance COUT(µF)
tPHL
tPLH
0.0001
0.001
0.01
0.1
0.01
0.1
1
10
100
Load Capacitance COUT(µF)
tPHL
tPLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com