Electronic Components Datasheet Search
  English  ▼

X  

RX5VT Datasheet(PDF) 19 Page - RICOH electronics devices division

Part # RX5VT
Description  LOW VOLTAGE DETECTOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RX5VT Datasheet(HTML) 19 Page - RICOH electronics devices division

Back Button RX5VT Datasheet HTML 15Page - RICOH electronics devices division RX5VT Datasheet HTML 16Page - RICOH electronics devices division RX5VT Datasheet HTML 17Page - RICOH electronics devices division RX5VT Datasheet HTML 18Page - RICOH electronics devices division RX5VT Datasheet HTML 19Page - RICOH electronics devices division RX5VT Datasheet HTML 20Page - RICOH electronics devices division RX5VT Datasheet HTML 21Page - RICOH electronics devices division RX5VT Datasheet HTML 22Page - RICOH electronics devices division RX5VT Datasheet HTML 23Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
15
R
×5VT
TEST CIRCUITS
FIG. 3 Supply Current Test Circuit
FIG. 5 Nch Driver Output Current Test Circuit
FIG. 4 Detector Threshold Test Circuit
FIG. 6 Pch Driver Output Current Test Circuit
FIG. 7 Output Delay Time Test Circuit (1)
FIG. 8 Output Delay Time Test Circuit (2)
In Output Delay Time Test Circuits (1) and (2) in FIG. 7 and FIG. 8, their respective Output Voltage Fall Times
(tPHL) and Rise Times (tPLH) are defined as shown below.
VDD
VSS
ISS
VDD
GND
OUT
R
×5VT
SERIES
VDD
VSS
VDD
GND
OUT
R
×5VT
SERIES
Rn
VSS
VDET
Rn:R
×5VT××A:470kΩ
R
×5VT××C:None
VDD
VSS
VDD
GND
OUT
R
×5VT
SERIES
IOUT
VSS
+VDS
VDD
R
×5VT××C
SERIES
VSS
VDD
GND
OUT
IOUT
VSS
VDD –VDS
P.G.
R
×5VT××A
SERIES
VDD
GND
OUT
OUT
VSS
COUT
+5.0V
ROUT
470k
Ω
+VDET+2.0V
0.7V
VSS
R
×5VT××A
SERIES
VDD
GND
OUT
OUT
VSS
+5.0V
+VDET+2.0V
ROUT
470k
Ω
100k
Ω
0.7V
VSS
P.G.
RIN
CIN
tPHL
tPLH
+VDET+2.0V
Input Voltage
Output Voltage
0.7V
GND
5.0V
2.5V
GND
Nch Open Drain Output
tPHL
tPLH
+VDET+2.0V
+VDET+2.0V
+VDET+2.0V
GND
0.7V
GND
2
CMOS Output
Input Voltage
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com