Electronic Components Datasheet Search
  English  ▼

X  

RX5VT Datasheet(PDF) 22 Page - RICOH electronics devices division

Part # RX5VT
Description  LOW VOLTAGE DETECTOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RX5VT Datasheet(HTML) 22 Page - RICOH electronics devices division

Back Button RX5VT Datasheet HTML 18Page - RICOH electronics devices division RX5VT Datasheet HTML 19Page - RICOH electronics devices division RX5VT Datasheet HTML 20Page - RICOH electronics devices division RX5VT Datasheet HTML 21Page - RICOH electronics devices division RX5VT Datasheet HTML 22Page - RICOH electronics devices division RX5VT Datasheet HTML 23Page - RICOH electronics devices division RX5VT Datasheet HTML 24Page - RICOH electronics devices division RX5VT Datasheet HTML 25Page - RICOH electronics devices division RX5VT Datasheet HTML 26Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
R
×5VT
18
4) Nch Driver Output Current vs. VDS
R
×5VT45A
R
×5VT45A
R
×5VT09C
R
×5VT27C
R
×5VT27C
R
×5VT09C
0
0
1
2
3
4
5
6
1
2
3
4
5
6
Input Voltage VIN(V)
Topt=–30˚C
25˚C
80˚C
VDD Pull-up 470k
Ω
0
0
1
2
3
4
5
6
1
2
3
4
5
6
Input Voltage VIN(V)
Topt=–30˚C
25˚C
80˚C
5V Pull-up 470k
Ω
0
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.2
0.4
0.6
0.8
VDS(V)
Topt=25˚C
VDD=0.85V
0.7V
0
0
0.05
0.10
0.15
0.20
0.25
0.02
0.04
0.06
0.08
0.10
VDS(V)
Topt=25˚C
VDD=0.8V
0.7V
2.0V
1.5V
0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
12
14
16
VDS(V)
Topt=25˚C
VDD=2.5V
0
0
0.20
0.15
0.10
0.05
0.25
0.02
0.04
0.06
0.08
0.10
VDS(V)
Topt=25˚C
0.7V
VDD=0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com