Electronic Components Datasheet Search
  English  ▼

X  

RX5VT Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RX5VT
Description  LOW VOLTAGE DETECTOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RX5VT Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RX5VT Datasheet HTML 2Page - RICOH electronics devices division RX5VT Datasheet HTML 3Page - RICOH electronics devices division RX5VT Datasheet HTML 4Page - RICOH electronics devices division RX5VT Datasheet HTML 5Page - RICOH electronics devices division RX5VT Datasheet HTML 6Page - RICOH electronics devices division RX5VT Datasheet HTML 7Page - RICOH electronics devices division RX5VT Datasheet HTML 8Page - RICOH electronics devices division RX5VT Datasheet HTML 9Page - RICOH electronics devices division RX5VT Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
R
×5VT
2
BLOCK DIAGRAMS
•
Nch Open Drain Output (R
×5VT××A)
•
CMOS Output (R
×5VT××C)
TIME CHART
DEFINITION OF OUTPUT DELAY TIME tPLH
2
3
Vref
OUT
GND
VDD
–
+
1
VDD
2
1
3
Vref
OUT
GND
–
+
Detector Threshold Hysteresis
tPLH
Released Voltage
+VDET
Detected Voltage
–VDET
Supply Voltage
(VDD)
Output Voltage
(OUT)
Minimum Operating Voltage
GND
GND
tPLH
tPHL
Input Voltage
(VDD)
Output Voltage
Nch Open Drain Output
GND
GND
2.5V
5.0V
0.7V
+VDET + 2.0V
tPLH
tPHL
CMOS Output
GND
GND
0.7V
+VDET + 2.0V
+VDET +2.0V
+VDET + 2.0V
2
Input Voltage
(VDD)
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com