Electronic Components Datasheet Search
  English  ▼

X  

VSC7217 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7217
Description  Multi-Gigabit Interconnect Chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7217 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7217 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
6/14/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC7217
Multi-Gigabit Interconnect Chip
G52325-0, Rev. 3.0
Features
VSC7217 Block Diagram
• 4 ANSI X3T11 Fibre Channel and IEEE
802.3z Gigabit Ethernet Compliant Trans-
ceivers
• Over 8 Gb/s Duplex Raw Data Rate
• Redundant PECL Tx Outputs and Rx Inputs
• 8B/10B Encoder/Decoder per Channel,
Optional Encoder/Decoder Bypass Operation
• “ASIC-FriendlyTM” Timing Options for
Transmitter Parallel Input Data
• Elastic Buffers for Intra/Inter-Chip Cable
Deskewing and Channel-to-Channel Align-
ment
• Tx/Rx Rate Matching via IDLE Insertion/
Deletion
• Compatible with VSC7211/7212/7214
• Fast-Locking CRU: 100-Bit Clock Periods
• Received Data Aligned to Local REFCLK or to
Recovered Clock
• PECL Rx Signal Detect and Cable Equalization
• Per-Channel Serial Tx-to-Rx and Parallel Rx-to-
Tx Internal Loopback Modes
• Clock Multiplier Generates Baud Rate Clock
• Automatic Lock-to-Reference
• JTAG Boundary Scan Support for TTL I/O
• Built-In Self Test
• 3.3V Supply, 3.0W Typ, 3.5W Max.
• 256-pin, 27mm BGA Package
x20/x10
Clock Gen
Tx Clock
ENDEC
RESETN
WSI
DUAL
Channel
Align
WSO
TBCD
TBCC
TBCB
TBCA
4
10
Encode
8B/10B
D Q
TD(7:0)
C/DD
8
8
PTXD-
PTXD+
RTXD-
RTXD+
WSEND
KCHAR
RTXEND
PTXEND
PRXD-
PRXD+
RRXD-
RRXD+
RXP/RD
LBEND(1:0)
Recovery
Clk/Data
Decode
8B/10B
10
Buffer
Elastic
3
8
IDLED
ERRD
RD(7:0)
KCHD
8
RCLKDN
RCLKD
10
Encode
8B/10B
D Q
TA(7:0)
C/DA
8
8
PTXA-
PTXA+
RTXA-
RTXA+
WSENA
RTXENA
PTXENA
PRXA-
PRXA+
RRXA-
RRXA+
RXP/RA
LBENA(1:0)
Recovery
Clk/Data
Decode
8B/10B
10
Buffer
Elastic
3
8
IDLEA
ERRD
RA(7:0)
KCHA
8
RCLKAN
RCLKA
10
Encode
8B/10B
D Q
TC(7:0)
C/DC
8
8
PTXC-
PTXC+
RTXC-
RTXC+
WSENC
RTXENC
PTXENC
PRXC-
PRXC+
RRXC-
RRXC+
RXP/RC
LBENC(1:0)
Recovery
Clk/Data
Decode
8B/10B
10
Buffer
Elastic
3
8
IDLEC
ERRC
RC7:0)
KCHC
8
RCLKCN
RCLKC
10
Encode
8B/10B
D Q
TB(7:0)
C/DB
8
8
PTXB-
PTXB+
RTXB-
RTXB+
WSENB
RTXENB
PTXENB
PRXB-
PRXB+
RRXB-
RRXB+
RXP/RB
LBENB(1:0)
Recovery
Clk/Data
Decode
8B/10B
10
Buffer
Elastic
3
8
IDLEB
ERRB
RB(7:0)
KCHB
8
RCLKBN
RCLKB
REFCLKP
REFCLKN
REFCLK
TBERRD
TBERRC
TBERRB
TBERRA
TMODE(2:0)
FLOCK
TMS
TRSTN
TDI
TCK
TDO
Boundary
JTAG
Scan
RMODE(1:0)
CAP0 CAP1
TRANSMITTER
RECEIVER
BIST
LBTXD
LBTXC
LBTXB
LBTXA
RSDETD
PSDETD
RSDETC
PSDETC
RSDETB
PSDETB
RSDETA
PSDETA


Similar Part No. - VSC7217

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7212 VITESSE-VSC7212 Datasheet
504Kb / 34P
Gigabit Interconnect Chip
VSC7212RG VITESSE-VSC7212RG Datasheet
504Kb / 34P
Gigabit Interconnect Chip
VSC7216-01 VITESSE-VSC7216-01 Datasheet
547Kb / 38P
Multi-Gigabit Interconnect Chip
VSC7216-02 VITESSE-VSC7216-02 Datasheet
113Kb / 2P
02 Low Power Quad 1.25Gb/s Backplane Transceiver
VSC7216UC-01 VITESSE-VSC7216UC-01 Datasheet
547Kb / 38P
Multi-Gigabit Interconnect Chip
More results

Similar Description - VSC7217

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
Gigabit Ethernet Transceiver Chip
logo
Vitesse Semiconductor C...
VSC7212 VITESSE-VSC7212 Datasheet
504Kb / 34P
Gigabit Interconnect Chip
VSC7216-01 VITESSE-VSC7216-01 Datasheet
547Kb / 38P
Multi-Gigabit Interconnect Chip
logo
MRV Communications, Inc...
SFP-GD-MX MRV-SFP-GD-MX Datasheet
76Kb / 4P
Multi-mode Gigabit Ethernet SFP Transceiver
logo
PCA ELECTRONICS INC.
EPJ4031-4-S24 PCA-EPJ4031-4-S24 Datasheet
70Kb / 1P
RJ-45 Filter Gigabit Multi-Port Jack
logo
OPLINK Communications I...
TRPEG1KVX-G OPLINK-TRPEG1KVX-G Datasheet
328Kb / 6P
Very Long Haul Multi-rate Gigabit Ethernet
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
Multi-rate 10-Gigabit 80km XFP Transceivers
logo
PCA ELECTRONICS INC.
EPJ4031-4-S24 PCA-EPJ4031-4-S24_15 Datasheet
70Kb / 1P
RJ-45 Filter Gigabit Multi-Port Jack
logo
List of Unclassifed Man...
G-SFP-W ETC2-G-SFP-W Datasheet
274Kb / 3P
Gigabit Multi-Mode SFP Transceiver
logo
Moxa Inc.
TN-G4500 MOXA-TN-G4500 Datasheet
615Kb / 5P
EN 50155 layer 2 multi-Gigabit switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com