Electronic Components Datasheet Search
  English  ▼

X  

VSC7217 Datasheet(PDF) 22 Page - Vitesse Semiconductor Corporation

Part # VSC7217
Description  Multi-Gigabit Interconnect Chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7217 Datasheet(HTML) 22 Page - Vitesse Semiconductor Corporation

Back Button VSC7217 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 26Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC7217
Mutli-Gigabit Interconnect Chip
Page 22
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
6/14/00
G52325-0, Rev. 3.0
Figure 17: Receive Output Timing Waveforms with RMODE = 00 or 01
Table 12: Receive Output AC Characteristics with RMODE = 00 or 01
Figure 18: Receive Output Timing Waveforms with RMODE = 10 or 11
Table 13: Receive Output AC Characteristics with RMODE = 10 or 11
Parameters
Description
Min
Max
Units
Conditions
TCQ
REFCLK Rising Edge to TTL
Output Transition
2.58 ns - 0 bc
5.43 ns - 0 bc
ns
RMODE = 00
bc = Bit Clock
TCQ
REFCLK Rising Edge to TTL
Output Transition
2.58 ns - 2 bc
5.43 ns - 2 bc
ns
RMODE = 01
bc = Bit Clock
TQC
TTL Output Transition to
REFCLK Rising Edge
TPER - TCQ_max
ns
Parameters
Description
Min
Max
Units
Conditions
TCQ
RCLKn/RCLKNn Rising Edge to
TTL Output Transition
-1.25 ns + 4 bc
1.25 ns + 4 bc
ns
RMODE = 10 or 11
bc = Bit Clock
TCQ
TTL Output Transition to
RCLKn/
RCLKNn Rising Edge
TPER - TCQ_max
TPER - TCQ_min
ns
DC
RCLKn/RCLKNn Duty Cycle
50% - 1 ns
50% + 1 ns
ns
Measured at 1.4. V
REFCLK
(DUAL = 0)
Rn(7:0) TBERRn
KCHn IDLEn ERRn
PSDETn RSDETn
Valid
Valid
Valid
TCQ_max
TCQ_min
REFCLK
(DUAL = 1)
TQC_min
TPER
RCLKn
(DUAL = 0)
Rn(7:0) TBERRn
KCHn IDLEn ERRn
PSDETn RSDETn
Valid
Valid
Valid
TCQ_max
TCQ_min
RCLKn/RCLKNn
(DUAL = 1)
TQC_min
TPER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com