Electronic Components Datasheet Search
  English  ▼

X  

VSC7217 Datasheet(PDF) 33 Page - Vitesse Semiconductor Corporation

Part # VSC7217
Description  Multi-Gigabit Interconnect Chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7217 Datasheet(HTML) 33 Page - Vitesse Semiconductor Corporation

Back Button VSC7217 Datasheet HTML 28Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 29Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 30Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 31Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 32Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 33Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 34Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 35Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 36Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 33
6/14/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC7217
Multi-Gigabit Interconnect Chip
G52325-0, Rev. 3.0
11A, 13C,
13U, 19L,
3C, 3K, 3V,
4C, 4E, 4T,
4V, 6V, 7A,
7C, 8W
VSSD
GND
Digital Ground.
14B, 14W,
17B, 17D,
17H, 17P,
17U, 17W,
18L, 19B,
19E, 19G,
19J, 19N,
19T, 19W
VDDT
VDD
TTL Output Power Supply.
14C, 14V,
16B, 16W,
18C, 18F,
18J, 18M,
18R, 18V,
19A, 19Y,
20D, 20G,
20N, 20T
VSST
GND
TTL Output Ground.
2P
3R
3M
1P
3J
1G
2G
3F
VDDPA
VDDRA
VDDPB
VDDRB
VDDPC
VDDRC
VDDPD
VDDRD
VDD
PECL Output Power Supply for PTXA.
PECL Output Power Supply for RTXA.
PECL Output Power Supply for PTXB.
PECL Output Power Supply for RTXB.
PECL Output Power Supply for PTXC.
PECL Output Power Supply for RTXC.
PECL Output Power Supply for PTXD.
PECL Output Power Supply for RTXD.
If use of an output is not necessary, leave the power supply pin open.
Pin
Name
I/O
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com