Electronic Components Datasheet Search
  English  ▼

X  

VSC7217 Datasheet(PDF) 19 Page - Vitesse Semiconductor Corporation

Part # VSC7217
Description  Multi-Gigabit Interconnect Chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7217 Datasheet(HTML) 19 Page - Vitesse Semiconductor Corporation

Back Button VSC7217 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC7217 Datasheet HTML 23Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 19
6/14/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC7217
Multi-Gigabit Interconnect Chip
G52325-0, Rev. 3.0
VSC7214 MODE 1: RCLKEN=LOW, FLOCK=LOW, INDEP=HIGH
Receiver
Rn(7:0), ERRn, KCHn and IDLEn outputs are synchronous to REFCLK, IDLE insertion/dele-
tion is enabled, and the receive channels are independent. The VSC7217 should be configured with
RMODE(1:0)=00, FLOCK=0, and WSI=1. The WSI connection inhibits channel alignment, and allows
IDLE insertion/deletion to occur independently in each channel.
VSC7214 MODE 2: RCLKEN=LOW, FLOCK=HIGH, INDEP=LOW
Receiver
Rn(7:0), ERRn, KCHn and IDLEn outputs are synchronous to REFCLK, IDLE insertion/dele-
tion is disabled, and the receive channels are word-aligned. The VSC7217 should be configured with
RMODE(1:0)=00, FLOCK=1, and WSI connected to its own WSO or to the WSO of another VSC7217
if multiple devices are to be used in parallel. The
WSI connection allows word alignment to occur, and the
FLOCK connection inhibits IDLE insertion/deletion.
VSC7214 MODE 3: RCLKEN=LOW, FLOCK=HIGH, INDEP=HIGH
Receiver
Rn(7:0), ERRn, KCHn and IDLEn outputs are synchronous to REFCLK, IDLE insertion/dele-
tion is disabled, and the receive channels are independent. The VSC7217 should be configured with
RMODE(1:0)=00, FLOCK=1, and WSI=0. The WSI connection inhibits channel alignment, and the
FLOCK connection inhibits IDLE insertion/deletion.
VSC7214 MODE 4: RCLKEN=HIGH, FLOCK=LOW, INDEP=LOW
This configuration does not require IDLE insertion/deletion, use Mode 6 instead.
VSC7214 MODE 5: RCLKEN=HIGH, FLOCK=LOW, INDEP=HIGH
Receiver
Rn(7:0), ERRn, KCHn and IDLEn outputs are synchronous to RCLKn/RCLKNn, IDLE inser-
tion/deletion is enabled, and the receive channels are independent. The VSC7217 should be configured with
RMODE(1:0)=10, FLOCK=0, and WSI=1. The WSI connection inhibits channel alignment, and allows
IDLE insertion/deletion to occur independently in each channel. The B, C and D channel
RCLKn/
RCLKNn outputs are copies of RCLKA/RCLKNA.
VSC7214 MODE 6: RCLKEN=HIGH, FLOCK=HIGH, INDEP=LOW
Receiver
Rn(7:0), ERRn, KCHn and IDLEn outputs are synchronous to RCLKn/RCLKNn, IDLE inser-
tion/deletion is disabled, and the receive channels are word-aligned. The VSC7217 should be configured
with
RMODE(1:0)=10, FLOCK=1, and WSI connected to its own WSO. Multiple VSC7217 devices
should not be used in parallel when the outputs are synchronous to
RCLKn/RCLKNn. The WSI connec-
tion allows word alignment to occur, and the
FLOCK connection inhibits IDLE insertion/deletion.
VSC7214 MODE 7: RCLKEN=HIGH, FLOCK=HIGH, INDEP=HIGH
Receiver
Rn(7:0), ERRn, KCHn and IDLEn outputs are synchronous to RCLKn/RCLKNn, IDLE inser-
tion/deletion is disabled, and the receive channels are independent. The VSC7217 should be configured
with
RMODE(1:0)=10, FLOCK=1, and WSI=0. The WSI connection inhibits channel alignment, and the
FLOCK connection inhibits IDLE insertion/deletion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com