Electronic Components Datasheet Search
  English  ▼

X  

MIC8115 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC8115
Description  Microprocessor Reset Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC8115 Datasheet(HTML) 3 Page - Microchip Technology

  MIC8115 Datasheet HTML 1Page - Microchip Technology MIC8115 Datasheet HTML 2Page - Microchip Technology MIC8115 Datasheet HTML 3Page - Microchip Technology MIC8115 Datasheet HTML 4Page - Microchip Technology MIC8115 Datasheet HTML 5Page - Microchip Technology MIC8115 Datasheet HTML 6Page - Microchip Technology MIC8115 Datasheet HTML 7Page - Microchip Technology MIC8115 Datasheet HTML 8Page - Microchip Technology MIC8115 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005829B-page 3
MIC8115
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Terminal Voltage
(VCC) ......................................................................................................................................................... –0.3V to +6.0V
(/MR) ...................................................................................................................................................–0.3V to VCC+0.3V
Input Current (VCC, /MR).........................................................................................................................................20 mA
Output Current (/RESET)........................................................................................................................................20 mA
Rate of Rise (VCC) ..............................................................................................................................................100 V/µs
ESD Rating, Note 1.................................................................................................................................................... 3 kV
Operating Ratings ‡
Power Dissipation (TA = +70°C)...........................................................................................................................320 mW
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: For typical values, VCC = 3.3V; TA = +25°C, bold values indicate –40°C ≤ TA ≤ +85°C,
unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Operating Voltage Range
VCC
1
—
5.5
V
TA = –40°C to +85°C
Supply Current
ICC
—
5
15
µA
—
Reset Voltage Threshold
VTH
3.00
3.08
3.15
V
—
Reset Timeout Period
tRST
1100
1700
2500
ms
—
/RESET Output Voltage
VOH
0.8 x
VCC
—
—
V
ISOURCE = 500 µA
/RESET Output Voltage
VOL
—
—
0.3
V
VCC = VTH(MIN), ISINK = 1.2 mA
—
—
0.3
VCC = 1V, ISINK = 50 µA,
TA = –40°C to +85°C
/MR Minimum Pulse Width
—
10
—
—
µs
—
/MR to Reset Delay
—
—
0.5
—
µs
—
/MR Input Threshold
VIH
0.7 x
VCC
—
—
V
—
VIL
—
—
0.25 x
VCC
—
/MR Pull-Up Resistance
—
10
20
30
kΩ
—
/MR Glitch Immunity
—
—
100
—
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com