Electronic Components Datasheet Search
  English  ▼

X  

MIC8115 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC8115
Description  Microprocessor Reset Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC8115 Datasheet(HTML) 5 Page - Microchip Technology

  MIC8115 Datasheet HTML 1Page - Microchip Technology MIC8115 Datasheet HTML 2Page - Microchip Technology MIC8115 Datasheet HTML 3Page - Microchip Technology MIC8115 Datasheet HTML 4Page - Microchip Technology MIC8115 Datasheet HTML 5Page - Microchip Technology MIC8115 Datasheet HTML 6Page - Microchip Technology MIC8115 Datasheet HTML 7Page - Microchip Technology MIC8115 Datasheet HTML 8Page - Microchip Technology MIC8115 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005829B-page 5
MIC8115
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
GND
IC Ground Pin.
2
/RESET /RESET goes low if either VCC falls below the supply reset threshold voltage or if /MR
is asserted. /RESET remains asserted for one reset timeout period 1100 ms
(minimum) after both VCC exceeds the supply reset threshold voltage and /MR is
de-asserted.
3
/MR
Manual Reset Input. A logic-low on /MR forces a reset. The reset will remain asserted
as long as /MR is held low and for one reset timeout period (1100 ms, minimum) after
/MR goes high. This input can be shorted to ground via a switch or driven from CMOS
or TTL logic. Pulled high internally through a 20 kΩ resistor. Float if unused.
4
VCC
Power Supply Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com