Electronic Components Datasheet Search
  English  ▼

X  

MIC8115 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC8115
Description  Microprocessor Reset Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC8115 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC8115 Datasheet HTML 2Page - Microchip Technology MIC8115 Datasheet HTML 3Page - Microchip Technology MIC8115 Datasheet HTML 4Page - Microchip Technology MIC8115 Datasheet HTML 5Page - Microchip Technology MIC8115 Datasheet HTML 6Page - Microchip Technology MIC8115 Datasheet HTML 7Page - Microchip Technology MIC8115 Datasheet HTML 8Page - Microchip Technology MIC8115 Datasheet HTML 9Page - Microchip Technology MIC8115 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MIC8115
DS20005829B-page 6
2017 - 2022 Microchip Technology Inc.
3.0
APPLICATION INFORMATION
3.1
Microprocessor Reset
The /RESET pin is asserted whenever VCC falls below
the reset threshold voltage. The reset pin remains
asserted for a period of 1100 ms after VCC has risen
above the reset threshold voltage. The reset function
ensures the microprocessor is properly reset and
powers up into a known condition after a power failure.
/RESET will remain valid with VCC as low as 1.4V.
3.2
VCC Transients
The MIC8115 is relatively immune to the
negative-going VCC glitches below the reset threshold.
Typically, a negative-going transient 125 mV belt the
reset threshold with duration of 20 µs or less will not
cause a reset.
3.3
/RESET Valid at Low Voltage
A resistor can be added from the /RESET pin to the
ground to ensure the /RESET output remains low with
VCC down to 0V. A 100 kΩ resistor connected from
/RESET to ground is recommended. The resistor
should be large enough not to load the /RESET output
and small enough to pull-down any stray leakage
currents.
FIGURE 3-1:
/RESET Valid to VCC = 0V.
V
CC
MIC8115
μP
/RESET
V
CC
GND
V
CC
/RESET
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com