Electronic Components Datasheet Search
  English  ▼

X  

MIC8115 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC8115
Description  Microprocessor Reset Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC8115 Datasheet(HTML) 1 Page - Microchip Technology

  MIC8115 Datasheet HTML 1Page - Microchip Technology MIC8115 Datasheet HTML 2Page - Microchip Technology MIC8115 Datasheet HTML 3Page - Microchip Technology MIC8115 Datasheet HTML 4Page - Microchip Technology MIC8115 Datasheet HTML 5Page - Microchip Technology MIC8115 Datasheet HTML 6Page - Microchip Technology MIC8115 Datasheet HTML 7Page - Microchip Technology MIC8115 Datasheet HTML 8Page - Microchip Technology MIC8115 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005829B-page 1
MIC8115
Features
• Precision Voltage Monitor for 3.3V Power
Supplies
• Specifically Tailored to the AMD Elan SC500
Series
• /RESET Remains Valid with VCC as Low as 1.4V
• <15 µA Supply Current
• 1100 ms Minimum Reset Pulse Width
• Manual Reset Input
• Available in 4-Pin SOT-143 Package
Applications
• Portable Equipment
• Intelligent Instruments
• Critical Microprocessor Power Monitoring
• Printers/Computers
• Embedded Controllers
General Description
The MIC8115 is an inexpensive microprocessor
supervisory circuit that monitors power supplies in
microprocessor-based systems.
The function of the MIC8115 is to assert a reset if the
power supply drops below a designated reset threshold
level or if /MR is forced low.
The MIC8115 has an active-low /RESET output. The
reset output is guaranteed to remain asserted for a
minimum of 1100 ms after VCC has risen above the
designated reset threshold level. The MIC8115 comes
in a 4-pin SOT-143 package.
Package Type
MIC8115
4-Lead SOT-143 (TU)
GND
/RESET
VCC
/MR
MIC8115
1
2
4
3
Microprocessor Reset Circuit


Similar Part No. - MIC8115

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC8115 MICREL-MIC8115 Datasheet
174Kb / 8P
Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115 Datasheet
267Kb / 6P
Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115 Datasheet
505Kb / 7P
Microprocessor Reset Circuit
MIC8115-TUY MICREL-MIC8115-TUY Datasheet
505Kb / 7P
Microprocessor Reset Circuit
MIC8115TU MICREL-MIC8115TU Datasheet
174Kb / 8P
Microprocessor Reset Circuit
More results

Similar Description - MIC8115

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
Microprocessor Reset Circuit
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
Microprocessor Reset Circuit
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com