Electronic Components Datasheet Search
  English  ▼

X  

MIC8115 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC8115
Description  Microprocessor Reset Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC8115 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC8115 Datasheet HTML 6Page - Microchip Technology MIC8115 Datasheet HTML 7Page - Microchip Technology MIC8115 Datasheet HTML 8Page - Microchip Technology MIC8115 Datasheet HTML 9Page - Microchip Technology MIC8115 Datasheet HTML 10Page - Microchip Technology MIC8115 Datasheet HTML 11Page - Microchip Technology MIC8115 Datasheet HTML 12Page - Microchip Technology MIC8115 Datasheet HTML 13Page - Microchip Technology MIC8115 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005829B-page 11
MIC8115
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC8115TUY-TR:
Microprocessor Reset Circuit,
4-Lead SOT-143,
–40°C to +85°C, 3,000/Reel
PART NO.
XX
Package
Device
Device:
MIC8115:
Microprocessor Reset Circuit
Package:
TU =
4-Lead SOT-143
Temperature:
Y
=
–40°C to +85°C
Media Type:
TR =
3,000/Reel
X
Temperature
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
–XX
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com