Electronic Components Datasheet Search
  English  ▼

X  

71M6543GHT Datasheet(PDF) 55 Page - Maxim Integrated Products

Part # 71M6543GHT
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543GHT Datasheet(HTML) 55 Page - Maxim Integrated Products

Back Button 71M6543GHT Datasheet HTML 51Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 52Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 53Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 54Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 55Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 56Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 57Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 58Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 59Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
Maxim Integrated │ 55
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Table 13. I/O RAM Locations in Alphabetical Order (continued)
NAME
LOCATION RSTWK DIR
DESCRIPTION
FIR_LEN[1:0]
210C[2:1]
0
0 R/W
DeterminesthenumberofADCcyclesintheADCdecimationFIRfilter.
PLL_FAST = 1:
FIR_LEN[1:0]
ADC CYCLES
00
141
01
288
10
384
PLL_FAST = 0:
FIR_LEN[1:0]
ADC CYCLES
00
135
01
276
10
Not allowed
The ADC LSB size and full-scale values depend on the FIR_LEN[1:0] setting.
FLSH_BANK
SFR B6[1:0] 01 01 R/W
Flash Bank Selection
FLSH_BANK[1:0]
ADDRESS RANGE FOR LOWER
BANK (0x0000–0x7FFF)
ADDRESS RANGE FOR UPPER
BANK (0x8000–0x7FFF)
00
0x0000–0x7FFF
0x0000–0x7FFF
01
0x0000–0x7FFF
0x8000–0x7FFF
10
0x0000–0x7FFF
0x10000–0x17FFFF
11
0x0000–0x7FFF
0x18000–0x1FFFF
FLSH_ERASE[7:0] SFR 94[7:0] 0
0 W
Flash Erase Initiate
FLSH_ERASEisusedtoinitiateeithertheFlashMassErasecycleortheFlashPageErasecycle.Specificpatterns
are expected for FLSH_ERASE in order to initiate the appropriate Erase cycle.
(default = 0x00).
0x55 = Initiate Flash Page Erase cycle. Must be proceeded by a write to FLSH_PGADR[6:0] (SFR 0xB7[7:1]).
0xAA = Initiate Flash Mass Erase cycle. Must be proceeded by a write to FLSH_MEEN and the ICE port must be
enabled.
Any other pattern written to FLSH_ERASE has no effect.
FLSH_MEEN
SFR B2[1]
0
0 W
Mass Erase Enable
0 = Mass Erase disabled (default).
1 = Mass Erase enabled.
Must be re-written for each new Mass Erase cycle.
FLSH_PEND
SFR B2[3]
0
0 R Indicatesthatatimedflashwriteispending.Ifanotherflashwriteisattempted,itisignored.
FLSH_PGADR[6:0] SFR B7[7:1] 0
0 W
Flash Page Erase Address
Flash Page Address (page 0 thru 63) that is erased during the Page Erase cycle. (default = 0x00).
Must be re-written for each new Page Erase cycle.
FLSH_PSTWR
SFR B2[2]
0
0 R/W
Enablestimedflashwrites.When1,andifCE_E=1,flashwriterequestsarestoredinaone-elementdeepFIFO
and are executed when CE_BUSY falls. FLSH_PEND can be read to determine the status of the FIFO. If FLSH_
PSTWR=0orifCE_E=0,flashwritesareimmediate.
FLSH_PWE
SFR B2[0]
0
0 R/W
Program Write Enable
0 = MOVX commands refer to External RAM Space, normal operation (default).
1 = MOVX @DPTR,A moves A to External Program Space (Flash) @ DPTR.
Thisbitisautomaticallyresetaftereachbytewrittentoflash.Writestothisbitareinhibitedwheninterruptsare
enabled.
FLSH_RDE
2702[2]
–
– R IndicatesthattheflashmaybereadbyICEorSPIslave.FLSH_RDE=(!SECURE)
FLSH_UNLOCK
[3:0]
2702[7:4]
0
0 R/W Mustbea‘2’toenableanyflashmodification.SeethedescriptionofFlashsecurityformoredetails.
FLSH_WRE
2702[1]
–
– R IndicatesthattheflashmaybewrittenthroughICEorSPIslaveports.
IE_XFER
IE_RTC1S
IE_RTC1M
IE_TCTEMP
IE_RTCT
IE_SPI
IE_EEX
IE_XPULSE
IE_YPULSE
IE_WPULSE
IE_VPULSE
SFR E8[0]
SFR E8[1]
SFR E8[2]
SFR E8[3]
SFR E8[4]
SFR F8[7]
SFR E8[7]
SFR E8[6]
SFR E8[5]
SFR F8[4]
SFR F8[3]
0
0 R/W
Interruptflagsforexternalinterrupts2,5,and6.Theseflagsmonitorthesourceoftheint2,int5,andint6interrupts
(externalinterruptstotheMPUcore).Theseflagsaresetbyhardwareandmustbeclearedbythesoftware
interrupthandler.TheIEX2(SFR0xC0[1])andIEX6(SFR0xC0[5])interruptflagsareautomaticallyclearedby
the MPU core when it vectors to the interrupt handler. IEX2 and IEX6 must be cleared by writing zero to their
corresponding bit positions in SFR 0xC0, while writing ones to the other bit positions that are not being cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com