Electronic Components Datasheet Search
  English  ▼

X  

71M6543GHT Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # 71M6543GHT
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543GHT Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button 71M6543GHT Datasheet HTML 24Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 25Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 26Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 27Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 28Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 29Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 30Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 31Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
Maxim Integrated │ 28
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Table 4. Memory Map
*Memory size depends on IC. See the On-Chip Resources section for details.
• MOVX A,@Ri: The contents of R0 or R1 in the current
register bank provide the eight low-order address bits
with the eight high-order bits specified by the PDATA
SFR. This method allows the user paged access (256
pages of 256 bytes each) to all ranges of the external
data RAM.
• MOVX A,@DPTR: The data pointer generates a 16-bit
address. This form is faster and more efficient when
accessing very large data arrays (up to 64KB) since no
additional instructions are needed to set up the eight
high ordered bits of the address.
It is possible to mix the two MOVX types. This provides
the user with four separate data pointers, two with direct
access and two with paged access, to the entire external
memory range.
Dual Data Pointer
The Dual Data Pointer accelerates the block moves of
data. The standard DPTR is a 16-bit register that is used
to address external memory or peripherals. In the 80515
core, the standard data pointer is called DPTR, the sec-
ond data pointer is called DPTR1. The data pointer select
bit, located in the LSB of the DPS register, chooses the
active pointer. DPTR is selected when DPS[0] = 0 and
DPTR1 is selected when DPS[0] = 1.
The user switches between pointers by toggling the LSB
of the DPS register. The values in the data pointers are
not affected by the LSB of the DPS register. All DPTR
related instructions use the currently selected DPTR for
any activity.
An alternative data pointer is available in the form of the
PDATA register (SFR 0xBF), sometimes referred to as
USR2). It defines the high byte of a 16-bit address when
reading or writing XDATA with the instruction MOVX A,@
Ri or MOVX @Ri,A.
Internal Data Memory Map and Access
The Internal data memory provides 256 bytes (0x00 to
0xFF) of data memory. The internal data memory address
is always 1 byte wide.
The Special Function Registers (SFR) occupy the upper
128 bytes. The SFR area of internal data memory is
available
only by direct addressing. Indirect address-
ing of this area accesses the upper 128 bytes of Internal
RAM. The lower 128 bytes contain working registers and
bit addressable memory. The lower 32 bytes form four
banks of eight registers (R0-R7). Two bits on the program
memory status word (PSW, SFR 0xD0) select which bank
is in use. The next 16 bytes form a block of bit address-
able memory space at addresses 0x00-0x7F. All of the
bytes in the lower 128 bytes are accessible through direct
or indirect addressing.
Table 5. Internal Data Memory Map
ADDRESS
(hex)
MEMORY
TECHNOLOGY
MEMORY
TYPE
NAME
TYPICAL USAGE
MEMORY SIZE
(BYTES)
0000-FFFF
(64K)
0000-1FFFF
(128K)
Flash Memory
Nonvolatile
Program memory for MPU and
CE
MPU program and
nonvolatile data
128/64K*
CE program (on 1KB
boundary)
3K max
0000-0BFF
Static RAM
Volatile
External RAM (XRAM)
Shared by CE and MPU
5K*
2000-27FF
Static RAM
Volatile
ConfigurationRAM(I/ORAM)
Hardware control
2K
2800-287F
Static RAM
Nonvolatile
(battery)
ConfigurationRAM(I/ORAM)
Battery-buffered memory
128
0000-00FF
Static RAM
Volatile
Internal RAM
Part of 80515 Core
256
ADDRESS RANGE
DIRECT ADDRESSING
INDIRECT ADDRESSING
0x80
0xFF
Special Function Registers (SFRs)
RAM
0x30
0x7F
Byte addressable area
0x20
0x2F
Bit addressable area
0x00
0x1F
Register banks R0…R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com