Electronic Components Datasheet Search
  English  ▼

X  

71M6543GHT Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # 71M6543GHT
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543GHT Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button 71M6543GHT Datasheet HTML 38Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 39Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 40Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 41Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 42Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 43Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 44Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 45Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
Maxim Integrated │ 42
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
In LCD mode, the data contained in the LCD_SEG reg-
isters is displayed using the segment driver pins. Up to
two LCD segments connected to the pins SEGDIO22 and
SEGDIO23 can be made to blink without the involvement
of the MPU, which is disabled in LCD mode. To minimize
battery power consumption, only segments that are used
should be enabled.
After the transition from LCD mode to MSN or BRN mode,
the PC (Program Counter) is at 0x0000, the XRAM is in
an undefined state, and configuration I/O RAM bits are
reset (see Table 12) for I/O RAM state upon wake). The
data stored in nonvolatile I/O RAM locations is preserved
in LCD mode (the shaded locations in Table 12 are non-
volatile).
Sleep Mode
When the VV3P3SYS pin voltage drops below 2.8 VDC,
the 71M654xT enters BRN mode and the VV3P3D pin
obtains power from the VBAT pin instead of the VV3P3SYS
pin. Once in BRN mode, the MPU may invoke SLP mode
by setting the SLEEP bit. The purpose of SLP mode is to
consume the least amount power while still maintaining
the real time clock, temperature compensation of the
RTC, and the nonvolatile portions of the I/O RAM.
In SLP mode, the VV3P3D pin is disconnected, removing
all sources of current leakage from the VBAT pin. The
nonvolatile I/O RAM locations and the SLP mode functions,
such as the temperature sensor, oscillator, RTC, and the
RTC temperature compensation are powered by the
VBAT_RTC pin. SLP mode can be exited only by a system
power-up event or one of the wake methods.
If the SLEEP bit is asserted when VV3P3SYS pin power is
present (i.e., while in MSN mode), the 71M654xT enters
SLP mode, resetting the internal WAKE signal, at which
point the 71M654xT begins the standard wake from sleep
procedures.
When power is restored to the VV3P3SYS pin, the
71M654xT transitions from SLP mode to MSN mode and
the MPU PC (Program Counter) is initialized to 0x0000.
At this point, the XRAM is in an undefined state, but
nonvolatile I/O RAM locations are preserved.
Figure 10. Typical Current-Sense Circuit Using Current Transformer in a Single-Ended Configuration
Figure 9. Typical Voltage Sense Circuit Using Resistive Divider
RIN
VIN
VA
V3P3A
ROUT
VOUT
IOUT
IAP
V3P3A
CT
1:N
IIN
RBURDEN
NOISE FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com