Electronic Components Datasheet Search
  English  ▼

X  

71M6543GHT Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # 71M6543GHT
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543GHT Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button 71M6543GHT Datasheet HTML 35Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 36Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 37Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 38Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 39Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 40Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 41Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 42Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
Maxim Integrated │ 39
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
TMUX[5:0]
SIGNAL NAME
DESCRIPTION
1
RTCLK
32.768 kHz clock waveform
9
WD_RST
Indicates when the MPU has reset the watchdog timer. Can be
monitored to determine spare time in the watchdog timer.
A
CKMPU
MPU clock
D
V3AOK bit
IndicatesthattheV3P3Apinvoltageis≥3.0V.TheV3P3Aand
V3P3SYS pins are expected to be tied together at the PCB level. The
71M6543 monitors the V3P3A pin voltage only.
E
V3OK bit
IndicatesthattheV3P3Apinvoltageis≥2.8V.TheV3P3Aand
V3P3SYS pins are expected to be tied together at the PCB level. The
71M654 monitors the V3P3A pin voltage only.
1B
MUX_SYNC
Internal multiplexer frame SYNC signal.
1C
CE_BUSY interrupt
1D
CE_XFER interrupt
1F
RTM output from CE
Note: All
TMUX[5:0] values that are not shown are reserved.
TMUX2[4:0]
SIGNAL NAME
DESCRIPTION
0
WD_OVF
Indicateswhenthewatchdogtimerhasexpired(overflowed).
1
PULSE_1S
One-second pulse with 25% duty cycle. This signal can be used to
measure the deviation of the RTC from an ideal 1-second interval.
Multiplecyclesshouldbeaveragedtogethertofilteroutjitter.
2
PULSE_4S
Four-second pulse with 25% duty cycle. This signal can be used to
measure the deviation of the RTC from an ideal 4-second interval.
Multiplecyclesshouldbeaveragedtogethertofilteroutjitter.Thispulse
provides a more precise measurement than the 1-second pulse.
3
RTCLK
32.768 kHz clock waveform
8
SPARE[1] bit – I/O RAM
0x2704[1]
Copies the value of the bit stored in 0x2704[1]. For general purpose
use.
9
SPARE[2] bit – I/O RAM
0x2704[2]
Copies the value of the bit stored in 0x2704[2]. For general purpose
use.
A
WAKE
Indicates when a WAKE event has occurred.
B
MUX_SYNC
Internal multiplexer frame SYNC signal.
C
MCK
E
GNDD
Digital GND. Use this signal to make the TMUX2OUT pin static.
Table 11. Test Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com