Electronic Components Datasheet Search
  English  ▼

X  

71M6543GHT Datasheet(PDF) 67 Page - Maxim Integrated Products

Part # 71M6543GHT
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543GHT Datasheet(HTML) 67 Page - Maxim Integrated Products

Back Button 71M6543GHT Datasheet HTML 63Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 64Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 65Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 66Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 67Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 68Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 69Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 70Page - Maxim Integrated Products 71M6543GHT Datasheet HTML 71Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
Maxim Integrated │ 67
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Table 19. Sag Threshold and Gain Adjustment Registers
Table 20. CE Transfer Registers
CE ADDRESS
NAME
DEFAULT
DESCRIPTION
0x24
SAG_THR
2.39 x 107
Thevoltagethresholdforsagwarnings.Thedefaultvalueisequivalentto113V
peak or 80 VRMS if VMAX = 600VRMS.
RMS
9
V2
SAG_THR
VMAX 7.8798 10−
⋅
=
⋅⋅
0x40
GAIN_ADJ0
16384
This register scales the voltage measurement channels VADC8 (VA), VADC9 (VB)
ANDVADC10(VC).Thedefaultvalueof16384isequivalenttounitygain(1.000).
0x41
GAIN_ADJ1
16384
This register scales the IADC0-IADC1 current channel for neutral current. The
defaultvalueof16384isequivalenttounitygain(1.000).
0x42
GAIN_ADJ2
16384
This register scales the IA current channel for Phase A. The default value of 16384
isequivalenttounitygain(1.000).
0x43
GAIN_ADJ3
16384
This register scales the IB current channel for Phase B. The default value of
16384isequivalenttounitygain(1.000).
0x44
GAIN_ADJ4
16384
This register scales the IC current channel for Phase C. The default value of
16384isequivalenttounitygain(1.000).
CE ADDRESS
NAME
DESCRIPTION
0x84†
WSUM_X
The signed sum: W0SUM_X+W1SUM_X. Not used for EQU[2:0] = 0 and EQU[2:0] = 1.
0x85
W0SUM_X
The sum of Wh samples from each wattmeter element.
LSB = 9.4045 x 10-13 x VMAX x IMAX Wh (local)
LSB = 1.55124 x 10-12 x VMAX x IMAX Wh (remote)
0x86
W1SUM_X
0x87
W2SUM_X
0x88†
VARSUM_X
The signed sum: VAR0SUM_X+VAR1SUM_X. Not used for EQU[2:0] = 0 and EQU[2:0] = 1.
0x89
VAR0SUM_X
The sum of VARh samples from each wattmeter element.
LSB = 9.4045 x 10-13 x VMAX x IMAX VARh (local)
LSB = 1.55124 x 10-12 x VMAX x IMAX VARh (remote)
0x8A
VAR1SUM_X
0x8B
VAR2SUM_X
0x8C
I0SQSUM_X
Thesumofsquaredcurrentsamplesfromeachelement.
LSB = 9.4045 x 10-13 IMAX2 A2h (local)
LSB = 2.55872 x 10-12 x IMAX2 A2h (remote)
0x8D
I1SQSUM_X
0x8E
I2SQSUM_X
0x8F
I3SQSUM_X
0x90
V0SQSUM_X
Thesumofsquaredvoltagesamplesfromeachelement.
LSB= 9.4045 x 10-13 VMAX2 V2h (local)
LSB= 9.40448 x 10-13 x VMAX2 V2h (remote)
0x91
V1SQSUM_X
0x92
V2SQSUM_X
0x82
FREQ_X
Fundamentalfrequency:
6
32
6
32
2520.6Hz
LSB
0.509 10 Hz (for Local)
2
2520.6Hz
LSB
0.587 10 Hz (for Remote)
2
−
−
≡
≈⋅
≡
≈⋅
0x83
MAINEDGE_X
The number of edge crossings of the selected voltage in the previous accumulation interval.
Edge crossings are either direction and are debounced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com