Electronic Components Datasheet Search
  English  ▼

X  

ADP2127 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2127
Description  Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2127 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2127 Datasheet HTML 4Page - Analog Devices ADP2127 Datasheet HTML 5Page - Analog Devices ADP2127 Datasheet HTML 6Page - Analog Devices ADP2127 Datasheet HTML 7Page - Analog Devices ADP2127 Datasheet HTML 8Page - Analog Devices ADP2127 Datasheet HTML 9Page - Analog Devices ADP2127 Datasheet HTML 10Page - Analog Devices ADP2127 Datasheet HTML 11Page - Analog Devices ADP2127 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP2126/ADP2127
Data Sheet
Rev. B | Page 8 of 20
1.2
0
0.2
0.4
0.6
0.8
1.0
2.1
5.1
4.6
4.1
3.6
3.1
2.6
INPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 11. Shutdown Current vs. Input Voltage
500
200
250
300
350
400
450
2.1
5.1
4.6
4.1
3.6
3.1
2.6
INPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 12. PFM Mode Quiescent Current vs. Input Voltage
17
5
7
9
11
13
15
2.1
5.1
4.6
4.1
3.6
3.1
2.6
INPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 13. PWM Mode Quiescent Current vs. Input Voltage
450
150
200
250
300
350
400
2.1
5.1
4.6
4.1
3.6
3.1
2.6
INPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +105°C
ISW = 500mA
Figure 14. NMOS Drain-to-Source On Resistance
400
100
150
200
250
300
350
2.1
5.1
4.6
4.1
3.6
3.1
2.6
INPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +105°C
ISW = 500mA
Figure 15. PMOS Drain-to-Source On Resistance
TIME (200µs/DIV)
OUTPUT VOLTAGE (200mV/DIV)
INDUCTOR CURRENT (1A/DIV)
1
4
Figure 16. Output Short-Circuit Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com