Electronic Components Datasheet Search
  English  ▼

X  

ADP2127 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2127
Description  Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2127 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2127 Datasheet HTML 10Page - Analog Devices ADP2127 Datasheet HTML 11Page - Analog Devices ADP2127 Datasheet HTML 12Page - Analog Devices ADP2127 Datasheet HTML 13Page - Analog Devices ADP2127 Datasheet HTML 14Page - Analog Devices ADP2127 Datasheet HTML 15Page - Analog Devices ADP2127 Datasheet HTML 16Page - Analog Devices ADP2127 Datasheet HTML 17Page - Analog Devices ADP2127 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADP2126/ADP2127
Data Sheet
Rev. B | Page 14 of 20
APPLICATIONS INFORMATION
The low-profile ADP2126/ADP2127 are compatible with chip
inductors and multilayer ceramic capacitors that are ideal for
use in portable applications due to their small footprint and low
height. The recommended components for low-profile applications
may change as this technology advances. Table 5 and Table 6 list
compatible inductors and capacitors.
This section describes the selection of external components.
The component value ranges are limited to optimize efficiency
and transient performance while maintaining stability over the
full operating range.
INDUCTOR SELECTION
The high switching frequency of the ADP2126/ADP2127 allows for
minimal output voltage ripple, even with small inductors. Inductor
sizing is a trade-off between efficiency and transient response.
A small value inductor leads to a larger inductor current ripple,
which provides excellent transient response but degrades efficiency.
A small footprint and low height chip inductor can be used for an
overall smaller solution size but has a higher dc resistance (DCR)
value and lower current rating that can degrade performance.
Shielded ferrite core inductors are advantageous for their low core
losses and low electromagnetic interference (EMI). For optimal
performance and stability, use inductor values between 1.5 μH
and 0.5 μH. Recommended inductors are shown in Table 5.
The inductor peak-to-peak current ripple, ΔIL, is calculated from
(
)
SW
IN
OUT
IN
OUT
L
f
L
V
V
V
V
I
×
×
−
×
=
Δ
(2)
where:
fSW is the switching frequency.
L is the inductor value.
It is important that the minimum dc current rating of the inductor
be greater than the peak inductor current (IPK) in the application.
IPK is calculated from
IPK = ILOAD(MAX) + ΔIL/2
(3)
The dc current rating of the inductor should be greater than the
calculated IPK to prevent core saturation.
INPUT CAPACITOR SELECTION
The input capacitor must be rated to support the maximum input
operating voltage. Higher value input capacitors reduce the input
voltage ripple caused by the switch currents on the VIN pin.
Maximum rms input current for the application is calculated using
()
IN
OUT
IN
OUT
MAX
LOAD
CIN
MAX
RMS
V
V
V
V
I
I
−
×
×
=
)
(
)
(
_
(4)
Place the input capacitor as close as possible to the VIN pin to
minimize supply noise.
In principle, different types of capacitors can be considered, but
for battery-powered applications, the best choice is the multilayer
ceramic capacitor, due to its small size, low equivalent series
resistance (ESR), and low equivalent series inductance (ESL).
It is recommended that the VIN pin be bypassed with at least a
2.2 μF input capacitor. For a 0.22 mm height solution using the
ADP2127, at least 2 × 1.0 μF capacitors will be necessary on the
input. The input capacitor can be increased without any limit for
better input voltage filtering. X5R or X7R dielectrics with a voltage
rating of 6.3 V or higher are recommended.
Table 5. Inductor Selection
Manufacturer
Series
Inductance (μH)
DCR (mΩ) (Typ)
Current
Rating (mA)
Size (L × W × H) (mm)
Package
Murata
LQM18PN1R0-A52
1.0
520
500
1.6 × 0.8 × 0.33
0603
Taiyo Yuden
CKP1608S1R5M
1.5
420
500
1.6 × 0.8 × 0.33
0603
Table 6. Input/Output Capacitor Selection
Manufacturer
Part Number
Capacitance (μF)
Voltage Rating (V)
Temperature
Coefficient
Size (L × W × H) (mm)
Package
Murata
GRM153R60J225ME95
2.2 ± 20%
6.3
X5R
1.0 × 0.5 × 0.33
0402
GRM153R60G225M
2.2 ± 20%
4
X5R
1.0 × 0.5 × 0.33
0402
Taiyo Yuden
JMK105BJ225MP
2.2 ± 20%
6.3
X5R
1.0 × 0.5 × 0.33
0402
AMK105BJ225MP
2.2 ± 20%
4
X5R
1.0 × 0.5 × 0.33
0402
AMK105BJ105MC
1.0 ± 20%
4
X5R
1.0 × 0.5 × 0.22
0402
ADC105BJ105ME
1.0 ± 20%
4
X5R
1.0 × 0.5 × 0.20
0402
JMK105BJ474KC
0.47 ± 10%
6.3
X5R
1.0 × 0.5 × 0.22
0402
JMK105BJ474MC
0.47 ± 20%
6.3
X5R
1.0 × 0.5 × 0.22
0402
TDK
CGB2A3X5R0J105K
1.0 ± 10%
6.3
X5R
1.0 × 0.5 × 0.33
0402
CGB2A3X5R0J105M
1.0 ± 20%
6.3
X5R
1.0 × 0.5 × 0.33
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com