Electronic Components Datasheet Search
  English  ▼

X  

ADP2127 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2127
Description  Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2127 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2127 Datasheet HTML 5Page - Analog Devices ADP2127 Datasheet HTML 6Page - Analog Devices ADP2127 Datasheet HTML 7Page - Analog Devices ADP2127 Datasheet HTML 8Page - Analog Devices ADP2127 Datasheet HTML 9Page - Analog Devices ADP2127 Datasheet HTML 10Page - Analog Devices ADP2127 Datasheet HTML 11Page - Analog Devices ADP2127 Datasheet HTML 12Page - Analog Devices ADP2127 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADP2126/ADP2127
Rev. B | Page 9 of 20
TIME (40µs/DIV)
OUTPUT VOLTAGE (50mV/DIV)
1.20V OFFSET
LOAD CURRENT (100mA/DIV)
VIN = 2.1V
1
4
Figure 17. Load Transient Response, 0 mA to 150 mA, VIN = 2.1 V
TIME (40µs/DIV)
OUTPUT VOLTAGE (50mV/DIV)
1.20V OFFSET
LOAD CURRENT (100mA/DIV)
VIN = 3.6V
1
4
Figure 18. Load Transient Response, 0 mA to 150 mA, VIN = 3.6 V
TIME (40µs/DIV)
OUTPUT VOLTAGE (50mV/DIV)
1.20V OFFSET
LOAD CURRENT (100mA/DIV)
VIN = 5.5V
1
4
Figure 19. Load Transient Response, 0 mA to150 mA, VIN = 5.5 V
TIME (20µs/DIV)
OUTPUT VOLTAGE (50mV/DIV)
1.20V OFFSET
LOAD CURRENT (200mA/DIV)
VIN = 2.1V
1
4
Figure 20. Load Transient Response, 250 mA to 420 mA, VIN = 2.1 V
TIME (20µs/DIV)
OUTPUT VOLTAGE (50mV/DIV)
1.20V OFFSET
LOAD CURRENT (200mA/DIV)
VIN = 3.6V
1
4
Figure 21. Load Transient Response, 250 mA to 420 mA, VIN = 3.6 V
TIME (20µs/DIV)
OUTPUT VOLTAGE (50mV/DIV)
1.20V OFFSET
LOAD CURRENT (200mA/DIV)
VIN = 5.5V
1
4
Figure 22. Load Transient Response, 250 mA to 420 mA, VIN = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com