Electronic Components Datasheet Search
  English  ▼

X  

ADP2127 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2127
Description  Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2127 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2127 Datasheet HTML 12Page - Analog Devices ADP2127 Datasheet HTML 13Page - Analog Devices ADP2127 Datasheet HTML 14Page - Analog Devices ADP2127 Datasheet HTML 15Page - Analog Devices ADP2127 Datasheet HTML 16Page - Analog Devices ADP2127 Datasheet HTML 17Page - Analog Devices ADP2127 Datasheet HTML 18Page - Analog Devices ADP2127 Datasheet HTML 19Page - Analog Devices ADP2127 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADP2126/ADP2127
Rev. B | Page 17 of 20
OUTLINE DIMENSIONS
0.40 REF
0.80
REF
1.340
1.300
1.260
0.940
0.900
0.860
0.40
REF
A
1
2
B
C
TOP VIEW
(BALL SIDE DOWN)
BOTTOM VIEW
(BALL SIDE UP)
BALL A1
IDENTIFIER
0.225 TYP
0.09 TYP
0.330
0.315
0.300
END VIEW
0.190
0.170
0.150
COPLANARITY
0.05 NOM
SEATING
PLANE
Figure 33. 6-Ball Bumped Bare Die Sales [BUMPED_CHIP]
(CD-6-4)
Dimensions shown in millimeters
0.40 REF
0.80
REF
1.340
1.300
1.260
0.940
0.900
0.860
SEATING
PLANE
0.200
0.175
0.150
A
1
2
B
C
TOP VIEW
(PAD SIDE DOWN)
BOTTOM VIEW
(PAD SIDE UP)
0.17
DIA.
DETAIL A
BARE Cu FIDUCIAL
0.15 DIA.
DETAIL A
ROTATED 90° CCW
0.008
MIN
0.40
PAD PITCH
0.13
DIA.
Figure 34. 6-Pad Embedded Wafer Level Package [EWLP]
(CN-6-1)
Dimensions shown in millimeters
DIRECTION OF FEED
THE ADP2126 HAS AN A1 BALL IDENTIFIER THAT IS VISIBLE
ON THE TOP OF THE PART.
THE ADP2127 HAS NO VISIBLE MARKING ON THE TOP,
BUT THE A1 PIN LOCATION IS THE SAME.
1
A
B
C
2
Figure 35. Tape and Reel Orientation for
the ADP2126/ADP2127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com