Electronic Components Datasheet Search
  English  ▼

X  

ADP2127 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2127
Description  Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2127 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2127 Datasheet HTML 12Page - Analog Devices ADP2127 Datasheet HTML 13Page - Analog Devices ADP2127 Datasheet HTML 14Page - Analog Devices ADP2127 Datasheet HTML 15Page - Analog Devices ADP2127 Datasheet HTML 16Page - Analog Devices ADP2127 Datasheet HTML 17Page - Analog Devices ADP2127 Datasheet HTML 18Page - Analog Devices ADP2127 Datasheet HTML 19Page - Analog Devices ADP2127 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADP2126/ADP2127
Data Sheet
Rev. B | Page 18 of 20
ORDERING GUIDE
Model1
Output
Voltage
EXTCLK
Enable Type
Temperature
Range
Package Description
Package
Option2
Branding3
ADP2126ACDZ-1.20R7
1.20 V
Clock and logic
−40°C to +85°C
6-Ball Bumped Bare Die Sales [BUMPED_CHIP]
CD-6-4
LHY
ADP2127ACNZ-1.20R7
1.20 V
Clock and logic
−40°C to +85°C
6-Pad Embedded Wafer Level [EWLP]
CN-6-1
ADP2127ACNZ1.260R7
1.26 V
Clock only
−40°C to +85°C
6-Pad Embedded Wafer Level [EWLP]
CN-6-1
ADP2126-1.2-EVALZ
1.20 V
Clock and logic
Evaluation Board for ADP2126
1 Z = RoHS Compliant Part.
2 These package options are halide free.`
3 The ADP2127 does not have a Pin 1 indicator or a branding code. The bare Cu fiducial on the pad side can be used for device orientation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com