Electronic Components Datasheet Search
  English  ▼

X  

A5000 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # A5000
Description  Edge Lock Secure Authenticator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A5000 Datasheet(HTML) 2 Page - NXP Semiconductors

  A5000 Datasheet HTML 1Page - NXP Semiconductors A5000 Datasheet HTML 2Page - NXP Semiconductors A5000 Datasheet HTML 3Page - NXP Semiconductors A5000 Datasheet HTML 4Page - NXP Semiconductors A5000 Datasheet HTML 5Page - NXP Semiconductors A5000 Datasheet HTML 6Page - NXP Semiconductors A5000 Datasheet HTML 7Page - NXP Semiconductors A5000 Datasheet HTML 8Page - NXP Semiconductors A5000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
NXP Semiconductors
A5000
Edge Lock Secure Authenticator
aaa-041924
HOST MCU/MPU
I2C controller
I2C target
PLUG AND TRUST MW
I2C
SDA SCL
SDA
SCL
A5000
I2C
I2C
Authentication
Application
Figure 1. A5000 solution block diagram
Note: A5000 is designed to be used as a part of an IoT or Authentication system. It
works as an auxiliary security device attached to a host controller. The host controller
communicates with A5000 through an I²C interface (with the host being the controller and
the A5000 being the target).
1.3 A5000 naming convention
The following table explains the naming conventions of the commercial product name
of the A5000 platform. Every A5000 product gets assigned a commercial name, which
includes application specific data.
The A5000 commercial names have the following format.
A5000agddd/Zrrff
All letters are explained in Table 1 .
Variable
Meaning
Values
Description
a
Product Config
C,R
Configuration options, refer to Configuration paragraph
g
Temperature range
2
Extended operational ambient temperature
2 = -40 °C - 105 °C
ddd
Delivery Type
HQ1
HX2QFN20
Zrrff
Letters and
numbers
NXP internal code to identify individual configurations
Table 1. A5000 commercial name format
A5000
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.0 — 28 March 2022
667609
2 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com