| Electronic Components Datasheet Search |
|
A5000 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
A5000 Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 26 page ![]() NXP Semiconductors A5000 Edge Lock Secure Authenticator identifier is then used in subsequent operations to access the object. The number of objects that can be allocated is only limited by the available memory in the system. After usage, objects can be deleted and the associated memory is freed up again. There is also the possibility to create transient objects. Transient objects have an object descriptor stored in non-volatile memory, but the object content is stored in RAM. Together with the import/export functionality of A5000, transient objects can be used securely store secret keys in a remote memory system. When the creation of secure objects is interrupted by internal errors (e.g. insufficient space) or a tearing event, the memory is not freed up automatically. The memory can be freed up using garbage collection. An example to trigger garbage collection is included in the Plug & Trust Middleware (InvokeGarbageCollection) [5]. 3.3 Startup behaviour If a supply voltage is applied to pins Vin, Vcc within the specified supply voltage operating range the IC boots up. 4 Pre-provisioned ease of use configuration A5000 variants with pre-provisioned credentials for ease of use are available and can be used during development phase or in the field. With this customers have all keys pre- injected in A5000 that are required for the main use cases as, e.g., originality check or cloud onboarding. The identifying information can be read out using the example "get info" from A5000 Plug&Trust MW package. This variant identifier is also known as OEF ID. This will allow to distinguish the delivered configuration. For more information, see Table 3 and Table 4: Variant Variant Identifier (OEF ID) A5000 A736 A5000 Arduino Dev. Kit. A736 Table 3. Variant Identifiers Key name and type Certificate Usage policy (keys) Erasable by customer (keys)[1] Identifier Originality Key 0, ECC256, Die Individual Certificate 0 Anybody, Read No 0xF0000000 (key) 0xF0000001 (cert) Originality Key 1, ECC256, Die Individual Certificate 1 Anybody, Read No 0xF0000002 (key) 0xF0000003 (cert) Root of Trust signing key, ECC256, Die Individual (used to attest new generated keys) N/A Anybody Read and Attestation No 0xF0000012 (key) Table 4. Variant A5000 [1] Certificates are always erasable by customer. Consider that their deletion prevents the device from connecting to the EdgeLock 2GO service over TLS. 4.1 A5000 Chain of Trust A5000 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2022. All rights reserved. Product data sheet Rev. 1.0 — 28 March 2022 667609 7 / 26 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |