Electronic Components Datasheet Search
  English  ▼

X  

A5000 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # A5000
Description  Edge Lock Secure Authenticator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A5000 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button A5000 Datasheet HTML 7Page - NXP Semiconductors A5000 Datasheet HTML 8Page - NXP Semiconductors A5000 Datasheet HTML 9Page - NXP Semiconductors A5000 Datasheet HTML 10Page - NXP Semiconductors A5000 Datasheet HTML 11Page - NXP Semiconductors A5000 Datasheet HTML 12Page - NXP Semiconductors A5000 Datasheet HTML 13Page - NXP Semiconductors A5000 Datasheet HTML 14Page - NXP Semiconductors A5000 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
NXP Semiconductors
A5000
Edge Lock Secure Authenticator
8 Pinning information
8.1 Pinning
8.1.1 Pinning HX2QFN20
terminal 1
index area
Transparent top view
15
14
13
12
11
VOUT
r.f.u
r.f.u.
VIN
ENA
1
2
3
4
5
r.f.u.
n.c.
r.f.u.
n.c.
n.c.
A5000
aaa-041926
Figure 4. Pin configuration for HX2QFN20 (SOT1969-1)
Note: Terminal 1 index area is marked on the bottom with a notch on the center pad and
on the top with a printed dot.
Symbol
Pin
Description
r.f.u.
1
Connect to VSS
n.c.
2
Not connected
r.f.u.
3
Connect to VCC
n.c.
4
Not connected
n.c.
5
Not connected
n.c.
6
Not connected
n.c.
7
Not connected
n.c.
8
Not connected
I2C_SDA
9
I2C target data, if not used n.c.
I2C_SCL
10
I2C target clock, if not used n.c.
ENA
11
Deep Power-down mode enable, if not used then connect to VCC
VIN
12
Power supply voltage input for I2C pads and logic supply in case Deep
Power-down mode is used
r.f.u.
13
Connect to VCC
r.f.u
14
Connect to VSS
Table 9. Pin description HX2QFN20
A5000
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.0 — 28 March 2022
667609
11 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com