Electronic Components Datasheet Search
  English  ▼

X  

A5000 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # A5000
Description  Edge Lock Secure Authenticator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A5000 Datasheet(HTML) 4 Page - NXP Semiconductors

  A5000 Datasheet HTML 1Page - NXP Semiconductors A5000 Datasheet HTML 2Page - NXP Semiconductors A5000 Datasheet HTML 3Page - NXP Semiconductors A5000 Datasheet HTML 4Page - NXP Semiconductors A5000 Datasheet HTML 5Page - NXP Semiconductors A5000 Datasheet HTML 6Page - NXP Semiconductors A5000 Datasheet HTML 7Page - NXP Semiconductors A5000 Datasheet HTML 8Page - NXP Semiconductors A5000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
NXP Semiconductors
A5000
Edge Lock Secure Authenticator
• DRBG compliant to NIST SP800-90A
• Support for Automatic detection of the I2C T=1 protocol implementation based on the
initial message prologue. Supported protocols:
– NXP SE05x T=1 Over I2C Specification. See [1].
– APDU Transport over SPI/I2C v1.0 | GPC_SPE_172. See [6].
• Matter Ready: A5000 provides the necessary cryptographic functions to support the
upcoming Matter standard for connecting smart home devices.
2.3 Features in detail
Categories
A5000
Security certification
CC EAL6+ (HW+OS)
x
JavaCard version
3.0.5
x
GlobalPlatform specification
version
GP 2.3.1
x
ECDSA
x
ECDH
x
ECC Crypto Schemes
ECDHE
x
ECC NIST P256
x
Supported Elliptic Curves
ECC NIST P384
x
3DES (2K, 3K)
x
Symmetric Crypto Algorithm
AES (128, 192, 256)
x
AES Modes
CBC, ECB,CTR,GCM,CCM
x
Hash Function
SHA-256, SHA-384
x
MAC
HMAC, CMAC, GMAC
x
Key Derivation (KDF)
HKDF
x
Secure Channel
Secure Channel Host-SA (Platform SCP)
x
TRNG
NIST SP800-90B, AIS31
DRBG
NIST SP800-90A, AIS20
Memory reliability
up to 100 million write cycles / 25 years
x
User Memory
8kB
Pre-Provisioned
x
Interfaces
I2C Target, up to 1 Mbit
x
Power-Down (with state retention), 460µA (I2C)
x
Power saving modes
Deep Power-Down (no state retention), <5 µA
x
Temperature
Extended, -40 - +105 °C, see Section 1.3
x
Packaging
Plastic QFN, 3x3 mm (HX2QFN20) with max 0.33
mm height
x
Table 2. A5000 configuration
A5000
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.0 — 28 March 2022
667609
4 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com