Electronic Components Datasheet Search
  English  ▼

X  

ADPA7008 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 5 Page - Analog Devices

  ADPA7008 Datasheet HTML 1Page - Analog Devices ADPA7008 Datasheet HTML 2Page - Analog Devices ADPA7008 Datasheet HTML 3Page - Analog Devices ADPA7008 Datasheet HTML 4Page - Analog Devices ADPA7008 Datasheet HTML 5Page - Analog Devices ADPA7008 Datasheet HTML 6Page - Analog Devices ADPA7008 Datasheet HTML 7Page - Analog Devices ADPA7008 Datasheet HTML 8Page - Analog Devices ADPA7008 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADPA7008
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 28
Table 5.
Parameter
Rating
Drain Bias Voltage (VDDx)
6.0 V
VGGx
−1.6 V to 0 V
RF Input Power (RFIN)
22 dBm
Continuous Power Dissipation (PDISS), TA = 85°C (Derate
123 mW/°C Above 85°C)
11.1 W
Temperature
Maximum Channel to Maintain 1,000,000 Hour Mean
Time to Failure (MTTF)
175°C
Quiescent Channel (TJ = 85°C, VDD = 5 V, IDQ = 1500 mA) 130°C
Storage
−65°C to +150°C
Operating
−40°C to +85°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Overall thermal performance is directly linked to printed circuit
board (PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJC is the channel to case thermal resistance (the channel to the
exposed metal ground pad on the underside of the device).
Table 6. Thermal Resistance
Package Type1
θJC
Unit
EH-18-1
Quiescent, TBASE = 85°C
6.0
°C/W
Worst Case2, TBASE = 85°C
8.1
°C/W
1 The thermal resistance varies with operating conditions.
2 The worst case across all specified operating conditions.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD
sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADPA7008
Table 7. ADPA7008, 18-Terminal LCC_HS
ESD Model
Withstand Threshold (V)
Class
HBM
±250
1A
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com