Electronic Components Datasheet Search
  English  ▼

X  

ADPA7008 Datasheet(PDF) 26 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADPA7008 Datasheet HTML 20Page - Analog Devices ADPA7008 Datasheet HTML 21Page - Analog Devices ADPA7008 Datasheet HTML 22Page - Analog Devices ADPA7008 Datasheet HTML 23Page - Analog Devices ADPA7008 Datasheet HTML 24Page - Analog Devices ADPA7008 Datasheet HTML 25Page - Analog Devices ADPA7008 Datasheet HTML 26Page - Analog Devices ADPA7008 Datasheet HTML 27Page - Analog Devices ADPA7008 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Data Sheet
ADPA7008
BIASING ADPA7008 WITH THE HMC980LP4E
analog.com
Rev. 0 | 26 of 28
Power-Down Sequence
The power-down sequence for the HMC980LP4E is as follows:
1. Set EN = 0 V, which causes the HMC980LP4E to power-down
the VDRAIN pins and sets the VGATE = −1.5 V.
2. Set VNEG = 0 V. Note that this step is unnecessary if using the
internally generated negative voltage.
3. Set VDD = 0 V.
4. Set S0 and S1 = 0 V. The Sx pins are internally pulled up to
VDIG; therefore, this step is optional.
5. Set VDIG = 0 V.
After the HMC980LP4E bias control circuit is set up, toggle the bias
to the ADPA7008 on or off by applying 3.3 V or 0 V, respectively, to
the EN pin. When setting EN = 3.3 V, VGATE becomes less
negative as the control loop closes, and VDRAIN turns on at 5 V.
VGATE then stabilizes at the voltage required to achieve IDRAIN =
1600 mA, and the closed control loop then continues to regulate
IDRAIN at 1600 mA. When setting EN = 0 V, VGATE is set to −1.5 V,
and VDRAIN is set to 0 V.
CONSTANT DRAIN CURRENT BIASING VS.
CONSTANT GATE VOLTAGE BIASING
The HMC980LP4E uses closed-loop feedback to continuously ad-
just VGATE to maintain a constant drain current bias over dc supply
variation, temperature, and device to device variation. In addition,
constant drain current bias is the optimum method for reducing
time in calibration procedures and for maintaining consistent per-
formance over time. By comparing the constant drain current bias
with a constant gate voltage bias where the current is driven to
increase when RF power is applied, a slightly lower output P1dB is
seen with a constant drain current bias. This output P1dB is shown
in Figure 84, where the RF performance is slightly lower than the
constant gate voltage bias operation due to a lower drain current at
the high input powers as the device reaches 1 dB compression.
To increase the output P1dB performance for the constant drain
current bias toward the constant gate voltage bias performance,
increase the set current toward the IDD value this performance
reaches under the RF drive in the constant gate voltage bias
condition, as shown in Figure 84. The limit of increasing IDQ
under the constant drain current operation is set by the thermal
limitations found in Table 5 with the maximum power dissipation
specification. As IDD increase continues, the actual output P1dB
does not continue to increase indefinitely, and the power dissipation
increases. Therefore, when using constant drain current biasing,
note this exchange between power dissipation and the output P1dB
performance into consideration.
CONSTANT IDD OPERATION
TA = 25°C, VDD = 5 V, and IDQ = 1700 mA for nominal operation,
unless otherwise noted. Figure 77 to Figure 80 are biased with the
HMC980LP4E active bias controller. See the Biasing ADPA7008
with the HMC980LP4E section for biasing details.
Figure 77. Output P1dB vs. Frequency for Various Temperatures, VDD = 5 V,
Data Measured with Constant IDD
Figure 78. PSAT vs. Frequency for Various Temperatures, VDD = 5 V,
Data Measured with Constant IDD
Figure 79. Output P1dB vs. Frequency for Various Drain Currents, VDD = 5 V,
Data Measured with Constant IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com