Electronic Components Datasheet Search
  English  ▼

X  

ADPA7008 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPA7008 Datasheet HTML 6Page - Analog Devices ADPA7008 Datasheet HTML 7Page - Analog Devices ADPA7008 Datasheet HTML 8Page - Analog Devices ADPA7008 Datasheet HTML 9Page - Analog Devices ADPA7008 Datasheet HTML 10Page - Analog Devices ADPA7008 Datasheet HTML 11Page - Analog Devices ADPA7008 Datasheet HTML 12Page - Analog Devices ADPA7008 Datasheet HTML 13Page - Analog Devices ADPA7008 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Data Sheet
ADPA7008
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 10 of 28
36
4
6
14
24
30
34
10
8
16
12
20
28
22
18
26
32
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
4V
5V
Figure 28. Output P1dB vs. Frequency for Various Supply Voltages,
IDQ = 1500 mA
Figure 29. Power Added Efficiency (PAE) at PSAT vs. Frequency for Various
Temperatures, VDD = 5 V, IDQ = 1500 mA
Figure 30. PAE at PSAT vs. Frequency for Various Supply Currents, VDD = 5 V
36
4
6
14
24
30
34
10
8
16
12
20
28
22
18
26
32
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
4V
5V
Figure 31. PSAT vs. Frequency for Various Voltages, IDQ = 1500 mA
Figure 32. PAE at PSAT vs. Frequency for Various Supply Voltages,
IDQ = 1500 mA
Figure 33. POUT, Gain, PAE, and Drain Current with RF Applied (IDD) vs.
Input Power, 22 GHz, VDD = 5 V, IDQ = 1500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com