Electronic Components Datasheet Search
  English  ▼

X  

ADPA7008 Datasheet(PDF) 27 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADPA7008 Datasheet HTML 20Page - Analog Devices ADPA7008 Datasheet HTML 21Page - Analog Devices ADPA7008 Datasheet HTML 22Page - Analog Devices ADPA7008 Datasheet HTML 23Page - Analog Devices ADPA7008 Datasheet HTML 24Page - Analog Devices ADPA7008 Datasheet HTML 25Page - Analog Devices ADPA7008 Datasheet HTML 26Page - Analog Devices ADPA7008 Datasheet HTML 27Page - Analog Devices ADPA7008 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
ADPA7008
BIASING ADPA7008 WITH THE HMC980LP4E
analog.com
Rev. 0 | 27 of 28
Figure 80. PSAT vs. Frequency for Various Drain Currents, VDD = 5 V,
Data Measured with Constant IDD
Figure 81. IDD vs. Input Power, VDD = 5 V, Frequency = 36 GHz,
Constant Drain Current Bias (IDRAIN Setpoint = 1600 mA) and Constant Gate
Voltage Bias ( VGG = −0.63 V)
Figure 82. PAE vs. Input Power, VDD = 5 V, Frequency = 36 GHz,
Constant Drain Current Bias (IDRAIN Setpoint = 1600 mA) and Constant Gate
Voltage Bias (VGG = −0.63 V)
Figure 83. POUT vs. Input Power, VDD = 5 V, Frequency = 36 GHz,
Constant Drain Current Bias (IDRAIN Setpoint = 1600 mA) and Constant Gate
Voltage Bias (VGG = −0.63 V)
Figure 84. Output P1dB vs. Frequency, VDD = 5 V,
Constant Drain Current Bias (IDRAIN Setpoint = 1600 mA) and Constant Gate
Voltage Bias (VGG = −0.63 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com