Electronic Components Datasheet Search
  English  ▼

X  

ADPA7008 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPA7008
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPA7008 Datasheet HTML 12Page - Analog Devices ADPA7008 Datasheet HTML 13Page - Analog Devices ADPA7008 Datasheet HTML 14Page - Analog Devices ADPA7008 Datasheet HTML 15Page - Analog Devices ADPA7008 Datasheet HTML 16Page - Analog Devices ADPA7008 Datasheet HTML 17Page - Analog Devices ADPA7008 Datasheet HTML 18Page - Analog Devices ADPA7008 Datasheet HTML 19Page - Analog Devices ADPA7008 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Data Sheet
ADPA7008
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 16 of 28
36
4
6
14
24
30
34
10
8
16
12
20
28
22
18
26
32
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
900mA
1100mA
1300mA
1500mA
Figure 59. Output P1dB vs. Frequency for Various Supply Currents, VDD = 3 V
36
4
6
14
24
30
34
10
8
16
12
20
28
22
18
26
32
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
900mA
1100mA
1300mA
1500mA
Figure 60. PSAT vs. Frequency for Various Supply Currents, VDD = 3 V
15
0
1
3
6
10
14
2
4
8
12
5
9
13
7
11
FREQUENCY (GHz)
900mA
1100mA
1200mA
1300mA
1500mA
18
50
48
42
38
34
30
26
22
20
44 46
40
36
32
28
24
Figure 61. Noise Figure vs. Frequency for Various Supply Currents, VDD = 3 V
36
4
6
14
24
30
34
10
8
16
12
20
28
22
18
26
32
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
1100mA
1300mA
1500mA
Figure 62. Output P1dB vs. Frequency for Various Supply Currents, VDD = 4 V
36
4
6
14
24
30
34
10
8
16
12
20
28
22
18
26
32
18
56
48
42
38
34
30
26
22
20
52
44
50
54
46
40
36
32
28
24
FREQUENCY (GHz)
1100mA
1300mA
1500mA
Figure 63. PSAT vs. Frequency for Various Supply Currents, VDD = 4 V
15
0
1
3
6
10
14
2
4
8
12
5
9
13
7
11
FREQUENCY (GHz)
18
50
48
42
38
34
30
26
22
20
44 46
40
36
32
28
24
1100mA
1300mA
1500mA
Figure 64. Noise Figure vs. Frequency for Various Supply Currents, VDD = 4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com