Electronic Components Datasheet Search
  English  ▼

X  

MPC8308 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC8308
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC8308 Datasheet HTML 17Page - NXP Semiconductors MPC8308 Datasheet HTML 18Page - NXP Semiconductors MPC8308 Datasheet HTML 19Page - NXP Semiconductors MPC8308 Datasheet HTML 20Page - NXP Semiconductors MPC8308 Datasheet HTML 21Page - NXP Semiconductors MPC8308 Datasheet HTML 22Page - NXP Semiconductors MPC8308 Datasheet HTML 23Page - NXP Semiconductors MPC8308 Datasheet HTML 24Page - NXP Semiconductors MPC8308 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
Freescale Semiconductor
21
Ethernet: Three-Speed Ethernet, MII management
8.3.2
MII Management AC electrical specifications
This table provides the MII management AC timing specifications.
Output low voltage
VOL
IOL = 1.0 mA
LVDD = Min
VSS
0.50
V
Input high voltage
VIH
—2.0
—
V
Input low voltage
VIL
—
—
0.80
V
Input high current
IIH
NVDD = Max
VIN
1 = 2.1 V
—
40
A
Input low current
IIL
NVDD = Max
VIN = 0.5 V
–600
—
A
Note:
1. VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.
Table 27. MII Management AC Timing Specifications
At recommended operating conditions with LVDDA/LVDDB is 3.3 V ± 0.3V
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Notes
MDC frequency
fMDC
—2.5
—
MHz
2
MDC period
tMDC
—400
—
ns
—
MDC clock pulse width high
tMDCH
32
—
—
ns
—
MDC to MDIO delay
tMDKHDX
10
—
170
ns
3
MDIO to MDC setup time
tMDDVKH
5—
—
ns
—
MDIO to MDC hold time
tMDDXKH
0—
—
ns
—
MDC rise time
tMDCR
——
10
ns
—
MDC fall time
tMDHF
——
10
ns
—
Notes:
1. The symbols used for timing specifications Follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMDKHDX symbolizes management
data timing (MD) for the time tMDC from clock reference (K) high (H) until data outputs (D) are invalid (X) or data hold time.
Also, tMDDVKH symbolizes management data timing (MD) with respect to the time data input signals (D) reach the valid state
(V) relative to the tMDC clock reference (K) going to the high (H) state or setup time. For rise and fall times, the latter
convention is used with the appropriate letter: R (rise) or F (fall).
2. This parameter is dependent on the csb_clk speed. (The MIIMCFG[Mgmt Clock Select] field determines the clock frequency
of the Mgmt Clock EC_MDC.)
3. This parameter is dependent on the cbs_clk speed (that is, for a csb_clk of 133 MHz, the delay is 60 ns).
Table 26. MII Management DC Electrical Characteristics When Powered at 3.3 V (continued)
Parameter
Symbol
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com