Electronic Components Datasheet Search
  English  ▼

X  

MPC8308 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPC8308
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPC8308 Datasheet HTML 7Page - NXP Semiconductors MPC8308 Datasheet HTML 8Page - NXP Semiconductors MPC8308 Datasheet HTML 9Page - NXP Semiconductors MPC8308 Datasheet HTML 10Page - NXP Semiconductors MPC8308 Datasheet HTML 11Page - NXP Semiconductors MPC8308 Datasheet HTML 12Page - NXP Semiconductors MPC8308 Datasheet HTML 13Page - NXP Semiconductors MPC8308 Datasheet HTML 14Page - NXP Semiconductors MPC8308 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
Freescale Semiconductor
11
DDR2 SDRAM
This table provides the current draw characteristics for MVREF.
6.2
DDR2 SDRAM AC electrical characteristics
This section provides the AC electrical characteristics for the DDR2 SDRAM interface.
6.2.1
DDR2 SDRAM input AC timing specifications
This table provides input AC timing specifications for the DDR2 SDRAM when GVDD(typ)=1.8 V.
This table provides input AC timing specifications for the DDR2 SDRAM interface.
Table 15. Current Draw Characteristics for MVREF
Parameter / Condition
Symbol
Min
Max
Unit
Note
Current draw for MVREF
IMVREF
—
500
A1
Note:
1. The voltage regulator for MVREF must be able to supply up to 500 A current.
Table 16. DDR2 SDRAM Input AC Timing Specifications for 1.8 V Interface
At recommended operating conditions with GVDD of 1.8 ± 100 mV
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VIL
—MVREF – 0.45
V
—
AC input high voltage
VIH
MVREF + 0.45
—
V
—
Table 17. DDR2 SDRAM Input AC Timing Specifications
At recommended operating conditions. with GVDD of 1.8± 100 mV
Parameter
Symbol
Min
Max
Unit
Notes
Controller skew for MDQS—MDQ/MECC
266 MHz
tCISKEW
–875
875
ps
1, 2,3
Notes:
1. tCISKEW represents the total amount of skew consumed by the controller between MDQS[n] and any corresponding bit that is
captured with MDQS[n]. This should be subtracted from the total timing budget.
2. The amount of skew that can be tolerated from MDQS to a corresponding MDQ or MECC signal is called tDISKEW. This can
be determined by the following equation: tDISKEW = +/–(T/4 – abs(tCISKEW)) where T is the clock period and abs(tCISKEW) is
the absolute value of tCISKEW.
3. Memory controller ODT value of 150
 is recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com