Electronic Components Datasheet Search
  English  ▼

X  

MPC8308 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPC8308
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPC8308 Datasheet HTML 35Page - NXP Semiconductors MPC8308 Datasheet HTML 36Page - NXP Semiconductors MPC8308 Datasheet HTML 37Page - NXP Semiconductors MPC8308 Datasheet HTML 38Page - NXP Semiconductors MPC8308 Datasheet HTML 39Page - NXP Semiconductors MPC8308 Datasheet HTML 40Page - NXP Semiconductors MPC8308 Datasheet HTML 41Page - NXP Semiconductors MPC8308 Datasheet HTML 42Page - NXP Semiconductors MPC8308 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
Freescale Semiconductor
39
PCI Express
AC peak common mode
input voltage
VRX-CM-ACp
VPEACPCMRX = |VRXD+ + VRXD-|/2 -
VRX-CM-DC
VRX-CM-DC = DC(avg) of |VRX-D+ +
VRX-D-|/2
——
150
mV
2
Differential return loss
RLRX-DIFF
Measured over 50 MHz to 1.25 GHz
with the D+ and D- lines biased at +300
mV and -300 mV, respectively.
15
—
—
dB
4
Common mode return loss
RLRX-CM
Measured over 50 MHz to 1.25 GHz
with the D+ and D- lines biased at 0 V.
6—
—
dB
4
DC differential input
impedance
ZRX-DIFF-DC
RX DC differential mode impedance.
80
100
120
5
DC Input Impedance
ZRX-DC
Required RX D+ as well as D- DC
Impedance (50 ± 20% tolerance).
40
50
60
2, 5
Powered down DC input
impedance
ZRX-HIGH-IMP-DC
Required RX D+ as well as D- DC
Impedance when the Receiver
terminations do not have power.
200 k
—
—
6
Electrical idle detect
threshold
VRX-IDLE-DET-DIFFp-p VPEEIDT = 2*|VRX-D+ -VRX-D-|
Measured at the package pins of the
Receiver
65
—
175
mV
—
Unexpected Electrical Idle
Enter Detect Threshold
Integration Time
TRX-IDLE-DET-DIFF-
ENTERTIME
An unexpected Electrical Idle
(Vrx-diffp-p < Vrx-idle-det-diffp-p) must
be recognized no longer than
Trx-idle-det-diff-entertime to signal an
unexpected idle condition.
——
10
ms
—
Total Skew
LRX-SKEW
Skew across all lanes on a Link. This
includes variation in the length of SKP
ordered set (for example, COM and one
to five SKP Symbols) at the RX as well
as any delay differences arising from
the interconnect itself.
—
—
20
ns
—
Table 35. Differential Receiver (RX) Input Specifications (continued)
Parameter
Symbol
Comments
Min
Typical
Max
Units Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com